Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R081 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 10Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 11Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 12Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 13Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 14Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 15Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 16Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MicroSmart Series
21
Programmable Logic Controllers
Accessories
Part Number
Use with
Description
FC4A-PMT13P
CPU module
13-position left-side terminal block for FC4A-D20RK1/-D20RS1 CPU
FC5A-PMT13P
13-position left-side terminal block for FC5A-D16RK1/-D16RS1 CPU
FC4A-PMTS16P
16-position right-side terminal block for FC4A-D20RS1 and FC5A-D16RS1 CPU
FC4A-PMTK16P
16-position right-side terminal block for FC4A-D20RK1 and FC5A-D16RK1 CPU
FC4A-PMT11P
I/O expansion modules
11-position terminal block for 8-pt I/O expansion modules
FC4A-PMT10P
10-position terminal block for 16-pt I/O expansion modules
FC4A-PMC20P
20-position connector socket for MIL connector I/O expansion modules
FC4A-PMC26P
26-position connector socket for MIL connector CPU modules
FC4A-PSP1P
Direct mounting strips for mounting on a panel
FC4A-PMAC2P
Analog voltage input cable for slim CPU
FC4A-DS824-SW14
14-pt input simulator switch for 24 I/O CPU
FC4A-DS824-SW9
9-pt input simulator switch for 16 I/O CPU
FC4A-DS824-SW6
6-pt input simulator switch for 10 I/O CPU
BNL6
End clips
BNDN1000
DIN Rail (1m/3.28’ long, 10.5mm height)
BAA1000
DIN Rail (1m/3.28’ long, 7.5mm height)
FC9Z-SD2
2.5mm flathead IDEC screwdriver
FC9Y-B812-0A
MicroSmart user manual
FC9Y-B927-0
MicroSmart Pentra user manual
FC9Y-B919
Web Server Module user manual
FC9Y-B969-0
FC5A-SIF2 Communication Module user manual
FC9Y-B902-0
Analog I/O user manual
FC9Y-LP2CDW
WindLDR PLC programming software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com