Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC4A-R081 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # FC4A-R081
Description  MicroSmart Performance
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC4A-R081 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FC4A-R081 Datasheet HTML 21Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 22Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 23Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 24Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 25Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 26Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 27Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 28Page - List of Unclassifed Manufacturers FC4A-R081 Datasheet HTML 29Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
MicroSmart Series
37
Programmable Logic Controllers
Effect of Improper Input Connection
No damage
Maximum Permanent Allowed Overload
(No Damage)
11V DC
22mA DC
—
—
—
Selection of Analog Input Signal
Using software programming
Calibration or Verification to
Maintain Rated Accuracy
N/A
1: The 16-bit data (0 to 50000) processed in the analog I/O module can be linear-converted to a value between –32768 and 32767. The optional range designation, and analog I/O data minimum and
maximum values can be selected using data registers allocated to analog I/O modules.
2: When an error is detected, a corresponding error code is stored to a data register allocated to analog I/O operating status.
Analog Output Specifications
Part Number
FC4A-L03A1
FC4A-L03AP1
FC4A-K1A1
FC4A-K2C1
Output Voltage
0 to 10V DC
–10 to +10V DC
Output Range
4 to 20mA
Load Impedance
Voltage Output: 2kΩ minimum
Current Output: 300kΩ maximum
Load
Resistive load
Settling Time
50ms
130ms
50ms
1ms/ch
Total Output Transfer Time
50ms + 1 scan time
130ms + 1 scan time
50ms + 1 scan time
1ms × channels+ 1 scan
time
Output
Error
Maximum Error at 25× C
±0.2% of full scale
Temperature Coefficient
±0.015% of full scale/ºC
±0.005% of full scale/ºC
Repeatability after Stabilization Time
±0.5% of full scale
Output Voltage Drop
±1% of full scale
Non-linearity
±0.2% of full scale
Output Ripple
1 LSB maximum
Overshoot
0%
Total Error
±1% of full scale
Digital Resolution
4096 increments (12 bits)
50000 increments (16 bits)
Output Value of LSB
Voltage
2.5mV
0.4mV
Current
4μA
0.32μA
Data Type in Application Program
Default: 0 to 4095 (standard)
–25000 to 25000 (voltage)
0 to 50000 (current)
Optional: –32768 to 32767 (optional range designation) 1
Monotonicity
Yes
Current Loop Open
Undetectable
Noise
Resistance
Maximum Temporary Deviation during Electri-
cal Noise Tests
±3% maximum when a 500V clamp voltage is applied to the power and I/O wiring
Not assured
Cable
Twisted pair shielded cable is recommended for improved noise immunity
Twisted pair cable
Crosstalk
None
2 LSB maximum
Isolation
Between output and power circuit
500V
Isolated
Between output and internal circuit
Photocoupler-isolated
Effect of Improper Output Connection
No damage
Selection of Analog Output Signal
Using software programming
Calibration or Verification to Maintain Rated
Accuracy
N/A
1. The 12-bit data (0 to 4095) processed in the analog I/O module can be linear-converted to a value between –32768 and 32767. The optional range
designation, and analog I/O data minimum and maximum values can be selected using data registers allocated to analog I/O modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com