Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8515P Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 2 Page - Hynix Semiconductor

  HDM8515P Datasheet HTML 1Page - Hynix Semiconductor HDM8515P Datasheet HTML 2Page - Hynix Semiconductor HDM8515P Datasheet HTML 3Page - Hynix Semiconductor HDM8515P Datasheet HTML 4Page - Hynix Semiconductor HDM8515P Datasheet HTML 5Page - Hynix Semiconductor HDM8515P Datasheet HTML 6Page - Hynix Semiconductor HDM8515P Datasheet HTML 7Page - Hynix Semiconductor HDM8515P Datasheet HTML 8Page - Hynix Semiconductor HDM8515P Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
2
Direct Broadcast Satellite (DBS) has been one of the most successful new product
introductions in the history of consumer electronics. This product represents the first
application of digital video compression for broadcast television. Originally intended to
provide cable quality television services to remote areas, this product is now offering a
competitive replacement to cable services in many urban areas.
The first operational systems employ closed proprietary signaling structures. The
European Broadcasting Union (EBU) has developed the first open standard (DVB-S) for
DBS services. The broadcasting community has embraced this standard which is now
being adopted for new systems throughout the world. This widely accepted open
standard is essential for DBS to achieve full market potential.
The HDM8515
TM is a fully DVB-S&DSS compliant ADC/QPSK demodulator/FEC device
which provides an MPEG-2 stream to be processed by the conditional access and video
decompression circuits. The demodulator clocked with a fixed frequency is true variable
rate over the range of 1 to 55M symbols-per-second. This product achieves the highest
performance and flexibility. It minimizes the cost of external circuits, thus reducing
overall system cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com