Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8515P Datasheet(PDF) 67 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 67 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 63Page - Hynix Semiconductor HDM8515P Datasheet HTML 64Page - Hynix Semiconductor HDM8515P Datasheet HTML 65Page - Hynix Semiconductor HDM8515P Datasheet HTML 66Page - Hynix Semiconductor HDM8515P Datasheet HTML 67Page - Hynix Semiconductor HDM8515P Datasheet HTML 68Page - Hynix Semiconductor HDM8515P Datasheet HTML 69Page - Hynix Semiconductor HDM8515P Datasheet HTML 70Page - Hynix Semiconductor HDM8515P Datasheet HTML 71Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
67
A1. Loop Filter Programming Application Note
To illustrate that the symbol timing recovery loop and the carrier phase recovery loop are both
programmable, several simulations were performed with different loop parameter conditions. These
simulations were performed with a symbol rate of two samples per symbol, corresponding to 30M
symbols-per-second if a 60MHz clock were utilized.
Figure A1 illustrates the transient response of the symbol phase with three different loop conditions
(K1=5, K2=10; K1=4, K2=9; and K1=8, K2=7). The vertical scale represents phase over a 360
degree range (524,287 to -524,288). All test cases were run at high signal -to-noise ratio. The
highest gain condition could be used for fast acquisition as well as for steady state with high code
rate conditions, while the intermediate gain is a suitable steady state setting for rate 1/2 codes
(minimum Eb/N0 of 4 dB). The lowest gain setting corresponds to ultra low loop bandwidth and
may be considered for maintaining lock without phase jumps during deep signal fades.
FIGURE A1: SYMBOL TIMING RECOVERY TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com