Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8515P Datasheet(PDF) 42 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 42 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 38Page - Hynix Semiconductor HDM8515P Datasheet HTML 39Page - Hynix Semiconductor HDM8515P Datasheet HTML 40Page - Hynix Semiconductor HDM8515P Datasheet HTML 41Page - Hynix Semiconductor HDM8515P Datasheet HTML 42Page - Hynix Semiconductor HDM8515P Datasheet HTML 43Page - Hynix Semiconductor HDM8515P Datasheet HTML 44Page - Hynix Semiconductor HDM8515P Datasheet HTML 45Page - Hynix Semiconductor HDM8515P Datasheet HTML 46Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
42
5. Signal Description
5.1 Inputs
XTAL1
XTAL1 can be configured either for sampling clock input or PLL
reference clock input . The sampling clock rate must be a minimum of
1.33 times the symbol rate of the signal to be processed and at least
equal to the total bandwidth of the signal to be processed.
RESET
A low on this signal causes the chip to be initialized. I/O registers are
not cleared by this signal. This signal is asynchronous with respect to
the clock.
AIN_I
Analog Input Signal for I channel. This should be AC coupled with
Analog Input Source via 0.1uF capacitor.
AIN_Q
Analog Input Signal for I channel. This should be AC coupled with
Analog Input Source via a 0.1uF capacitor.
5.2 Outputs
VTOP
Top Reference Voltage Output of about 2.0V. It should be bypassed to
GND by 0.1uF capacitor. External bias voltage can be applied if
necessary.
VBOT
Bottom Reference Voltage Output of 1.0V. It should be bypassed to
GND by a 0.1uF capacitor. External bias voltage can be applied if
necessary.
REF_I
Middle Reference Voltage for I Channel. It should be bypassed to GND
by a 0.1uF capacitor.
REF_Q
Middle Reference Voltage for Q Channel. It should be bypassed to
GND by a 0.1uF capacitor.
DATA [7:0]
The eight bit output data is provided in parallel format to be handed to
an MPEG decoder for video and audio decompression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com