Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8515P Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 17Page - Hynix Semiconductor HDM8515P Datasheet HTML 18Page - Hynix Semiconductor HDM8515P Datasheet HTML 19Page - Hynix Semiconductor HDM8515P Datasheet HTML 20Page - Hynix Semiconductor HDM8515P Datasheet HTML 21Page - Hynix Semiconductor HDM8515P Datasheet HTML 22Page - Hynix Semiconductor HDM8515P Datasheet HTML 23Page - Hynix Semiconductor HDM8515P Datasheet HTML 24Page - Hynix Semiconductor HDM8515P Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
21
3.2 Variable Rate Demodulator
The block diagram illustrates the overall configuration of the variable rate QPSK demodulator.
Baseband in-phase (I) and quadrature (Q) inputs are applied to the demodulator at a fixed sampling
rate. These digital samples are produced by A/D converters which employ AC coupling to minimize
DC offset.
First
Frequency
Trans.
Dual FIR
NB AGC
Second
Frequency
Trans.
I_out
Q_out
I_in
Q_in
Carrier
Tracking
Symbol
Tracking
Lock Detect
QPSK Lock
Frequency
Sweeper
Signal
Strength
FIGURE 14 DEMODULATOR BLOCK DIAGRAM
The only significant change to this configuration over the HDM8513A is the addition of the Second
Frequency Translator. The carrier tracking block produces two outputs, one is the frequency
correction which is provided to the First Frequency Translator. This insures that the input to the
Dual FIR is always centered at zero frequency error, although there may be a phase error at this
point. The second output of the Carrier Tracking function provides the phase correction to the
Second Frequency Translator.
The carrier frequency error associated with these samples is removed digitally during tracking
operations by a complex multiplier and a digitally controlled oscillator, sometimes called a
numerically controlled oscillator (NCO). During initial acquisition, coarse frequency error is
removed by a combination of the digital AGC within the HDM8515 and external analog tuning
circuits.
A Dual filter performs the root raised cosine filtering of the frequency corrected baseband samples.
This filter, which implements the function of equation (1), is always configured to have an impulse
response duration of 8 symbols regardless of the programmed symbol rate. For low symbol rates,
a large number of samples are used, while for high symbol rates a relatively low number of samples
are processed for each filter output. The outputs of the daul filters are applied to a digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com