Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8515P Datasheet(PDF) 71 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 71 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 67Page - Hynix Semiconductor HDM8515P Datasheet HTML 68Page - Hynix Semiconductor HDM8515P Datasheet HTML 69Page - Hynix Semiconductor HDM8515P Datasheet HTML 70Page - Hynix Semiconductor HDM8515P Datasheet HTML 71Page - Hynix Semiconductor HDM8515P Datasheet HTML 72Page - Hynix Semiconductor HDM8515P Datasheet HTML 73Page - Hynix Semiconductor HDM8515P Datasheet HTML 74Page - Hynix Semiconductor HDM8515P Datasheet HTML 75Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 71 / 75 page
background image
71
A3. Performance with Interference.
In order to evaluate the filter employed within the HDM8515 with respect to attenuating out-of-band
interference, a test was performed utilizing the COSSAP simulator. The desired signal, at zero
frequency, was configured to utilize 16 samples-per-symbol (corresponding to 3.75MHz symbol
rate if a 60MHz clock is employed). An interfering signal was added with the same characteristics,
except that the amplitude was made to be 10dB higher than that of the desired signal, the data
pattern was different and the carrier frequency was offset from that of the desired signal. Several
offset frequencies were evaluated for this case. Figure A4 illustrates the spectrum of the test
condition when the offset frequency is 1.35 times the symbol rate.
Figure A5 illustrates the measured bit error rate for various conditions. The error rate on the I
channel was measured separately from that of the Q channel, and the horizontal axis is scaled in
dB for one component (I or Q of the signal). For example, the point labeled 1dB corresponds to
SNR (noise bandwidth = symbol rate) of 4dB or Eb/N0 of 4dB if rate 1/2 coding is employed.
The theoretical performance for coherent PSK is shown with the solid line. The curve closest to
theoretical is the demodulator performance with no other interferers and corresponds to an
implementation loss of about 0.2dB. When the interferer was placed at a frequency of either 2.0 or
1.35 times the symbol rate away from the desired carrier, there is an additional degradation ranging
from 0dB to 0.1dB. The worst case occurs when the interferer is placed at only 1.28 times the
symbol rate from the carrier of the desired signal. In this case, the performance has degraded with
respect to the no interference case by 0.3 to 0.5dB.
Figure A6 illustrates performance with an interferer which is 20dB higher than the desired signal
and separated in frequency by 2 times the symbol rate. In this case, the performance has
degraded by 0.7 to 0.8dB from the case with no interferer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com