Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8515P Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # HDM8515P
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515P Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button HDM8515P Datasheet HTML 26Page - Hynix Semiconductor HDM8515P Datasheet HTML 27Page - Hynix Semiconductor HDM8515P Datasheet HTML 28Page - Hynix Semiconductor HDM8515P Datasheet HTML 29Page - Hynix Semiconductor HDM8515P Datasheet HTML 30Page - Hynix Semiconductor HDM8515P Datasheet HTML 31Page - Hynix Semiconductor HDM8515P Datasheet HTML 32Page - Hynix Semiconductor HDM8515P Datasheet HTML 33Page - Hynix Semiconductor HDM8515P Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
30
3.7 Clock Generation PLL
An integrated VCO is locked to MxN times a reference frequency provided by a external clock.
1.Determining Output Frequency
Fully programmable feedback and reference divider capability allows virtually any frequency
to be generated, not just simple multiples of reference frequency.
There are two status exist
(1) PLL Disable mode : The PLL is bypassed and the external clock is directly connected to the
Internal clock.
(2) PLL Enable mode : The internal clock is connected to the generated clock of the PLL.
1.1 PLL disable mode
PLL control setting is as follows
TDM (Bit 7 of 0x23 register) is set to one and BYPASS (Bit 4 of 0x23 register) is set to one.
1.2 Normal Frequency mode
Output frequency range is limited to 160MHz.
PLL control setting is as follows:
TDM (Bit 7 of 0x23 register) is set to zero, and BYPASS (Bit 4 of 0x23 register) is set to
zero.
At this condition, the output frequency, F(ck), is actually determined by the following
equation.
F(ck) = ----------------------------------------------
F(ck) : Frequency of output
F(ref): Frequency of reference input
Feedback divisor : M[13:0]+2 , (0x25 and 0x26 registers)
Reference divisor : N[7:0]+1 , (0x27 register)
1.3 Extended Frequency mode
Output frequency range is limited to 320MHz.
PLL control setting is as follows
TDM (Bit 7 of 0x23 register) is set to zero, and BYPASS (Bit 4 fo 0x23 register) is set to
one.
At this condition, the output frequency, F(ck), is actually determined by the following
Equation
F(ck) = --------------------------------------------------------
Pre divisor : 2
p[1:0]+1 , P is Bit 2 and 3 of 0x23 register
2.
PLL Control Parameter setting
Besides of M (Feedback divisor), N (Reference divisor), P (Pre divisor) , You must determine vc
(VCO range control vector), lfm (Loop filter mode selector), icp (Charge pump bias current
control
F(ref) x (Feedback divisor)
(Reference divisor)
F(ref) x (Feedback divisor) x (Pre divisor)
(Reference divisor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com