Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002Y Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS2002Y
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002Y Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS2002Y Datasheet HTML 13Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 14Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 15Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 16Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 17Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 18Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 19Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 20Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
IRA1 DAC De-glitcher Control
Bits 7:3 - Volume bits 7:3 (read only)
Bit 2 - DAC Enable Bit (read only, for test)
Bits 1:0 - DAC De-glitch Width
Code
Notes
00
De-glitcher disabled
01
Minimum de-glitch width
10
Nominal de-glitch width
11
Maximum de-glitch width
This value is determined by the clock rate at which the
chip is run. ICS will provide the proper value for an
application. This register is also used for test purposes.
This register is not initialized in any way and should be
programmed before muting is removed.
IRA2 reserved
IRA3 reserved
ADC and Analog Control Registers
IRA4 ADC Control
Bits 7:3 - reserved
Bit 2 - ADC Test Mode
This bit is for factory testing use only, and must always
be programmed to zero by an application. It is reset to
zero by a zero in ADCRUN, and hence takes two writes
of $05 to this register to activate for safety.
Bit 1 - reserved
Bit 0 - ADC Run
When written to a one, this bit enables the ADC hard-
ware to run. Note that the ADC Timing Control register
should be programmed appropriately first. Also note
that the DSP must be running (and programmed prop-
erly) for the conversion results to be retrieved. The
Sample Rate Generator determines the rate at which the
conversion data is loaded into the Record FIFO.
This bit is cleared to zero by MCR.
Note that this bit, when 0, shuts down the successive
approximation logic, the dynamic comparators and
various logic functions. When the ADC is not being
used, disabling it via this bit reduces background noise
in the playback section and power consumption, and
thus is recommended.
IRA5 Analog Volume/Mute
Bits 7:5 - reserved
Bits 4:1 - Analog Volume
These bits set the analog output level, in 1.5dB steps.
All bits one gives 0dB attenuation of the DAC output
signal, and all bits zero gives full attenuation. These bits
are unaffected by any reset mechanism.
Bit 0 - Audio Enable
This bit disconnects the audio output of the output
buffer amp and sets the BUFOUT pin to the nominal
bias voltage when cleared to zero. When set to one, it
passes the output of the output buffer amp to the
BUFOUT pin.
The main function of this bit is to prevent sudden DC
offset changes on the BUFOUT pin when entering and
leaving power-down mode. By proper software proce-
dure, noiseless transitions can be made.
This bit is cleared to zero by MCR.
IRA6 ADC Timing Control
This register is used to control the ADC internal opera-
tion timing.
Bits 7:4 - Comparator Timing Control
These bits control the time of comparator input switch-
ing. Bits 7:5 are the count, and bit 4 is 0 for half cycle
and 1 full cycle delays.
Bits 3:1 - Cycle Timing Control
These bits control the number of clocks used for each
step of the successive approximation process. For the
full 64 step DSP cycle, the value of these bits should be
7. For a 40 step cycle, the value should be 4.
Bit 0 - reserved
ICS2002
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com