Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002Y Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS2002Y
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002Y Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS2002Y Datasheet HTML 1Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 2Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 3Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 4Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 5Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 6Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 7Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 8Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics
VDD = 5.0V
± 10%; GND =0V; TA = 0°C to +70°C
AC/DYNAMIC
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Address setup to command
tAS
10
ns
Address hold from command
tAH
10
ns
Command cycle time
tCCY
100
ns
Address valid to /IOCS16 delay
tAID
50
ns
IOCS16 hold from address invalid
tIH
0ns
Data valid to /IOW
tDS
50
ns
/IOR active to valid data
tDAC
60
ns
Data hold after /IOR
tDHR
0ns
Data hold after /IOW
tDHW
10
ns
/DACK setup to /IOR
tDAR
30
ns
/DACK setup to /IOW
tDAW
50
ns
/DACK hold from command
tDAH
50
ns
/CS setup to command
tCS
10
ns
/CS hold from command
tCH
10
ns
TC setup to command inactive
tTS
25
ns
TC hold from command
tTH
0ns
ICS2002
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com