Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002Y Datasheet(PDF) 21 Page - Integrated Circuit Systems

Part # ICS2002Y
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002Y Datasheet(HTML) 21 Page - Integrated Circuit Systems

Back Button ICS2002Y Datasheet HTML 13Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 14Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 15Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 16Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 17Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 18Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 19Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 20Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
LEAD COUNT
44L
BODY THICKNESS
1.00
FOOTPRINT (BODY+)
2.00
DIMENSIONS
TOLERANCE
A
MAX.
1.20
A1
0.05 MIN./0.10 MAX.
A2
±0.5
1.00
D
±0.25
12.00
D1
±0.10
10.00
E
±0.25
12.00
E1
±0.10
10.00
L
±0.15/-0.10
0.60
e
BASIC
0.80
b
+0.05
0.35
ccc
MAX.
0.10
ddd
0.20 MAX.
0
0
° - 7°
Ordering Information
ICS2002Y
Example:
ICS XXXX M
Package Type
Y=QFP
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device; GSP=Genlock Device
TQFP Package
ICS2002
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com