Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002Y Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS2002Y
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002Y Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS2002Y Datasheet HTML 1Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 2Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 3Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 4Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 5Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 6Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 7Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 8Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Pin Descriptions
PIN
TYPE
DESCRIPTION
SD15 - SD0
I/O
Data bus
SA1 - SA0
I
Address
CS
I
Chip select (active low)
IOW
I
Write strobe (active low)
IOR
I
Read strobe (active low)
SBHE
I
System High Byte Enable (active low)
IOCS16
OC
Indicates that the access register can support 16 bit transfer.
DRQP
O
DMA Request (play channel)
DRQR
O
DMA Request (record channel)
DACKP
I
DMA Acknowledge (play channel)
DACKR
I
DMA Acknowledge (record channel)
TC
I
DMA terminal count
IRQ
O
Interrupt request (active high, open drain)
RESET
I
Reset (active high)
XTLI
I
Crystal oscillator
XTLO
O
Crystal oscillator
PWRDN
I
Power-down (active low)
AUDIOIN
AI
Audio buffer input
ADCIN
AO
Audio buffer output/input to ADC
DACOUT
AO
DAC audio output
BUFIN
AI
Uncommitted audio buffer input
BUFOUT
AO
Uncommitted audio buffer output
VDD
P
Digital +5V supply
VDDA
P
Analog +5V supply
VDDP
P
Digital +5V supply
VSS
P
Digital GND
VSSA
P
Analog GND
VSSP
P
Digital GND
ICS2002
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com