Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002Y Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS2002Y
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002Y Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS2002Y Datasheet HTML 1Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 2Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 3Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 4Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 5Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 6Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 7Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 8Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
Ambient Operating Temperature. . . . . . . . . . 0
°C to 70°C
Storage Temperature . . . . . . . . . . . . . . . . . -65
°C to 150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics
VDD = 5.0V
± 10%; GND = 0V; TA = 0°C to +70°C
DC/STATIC
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Digital Inputs
Input Low Voltage
VIL
-0.3
0.8
V
Input High Voltage
VIH
2.0
VDD + 0.3
V
Input Leakage Current
ILI
1
µA
Input Capacitance
CIN
7pF
Digital Outputs
Output Low Voltage (IOL = 4.0mA)
VOL
0.4
V
Output High Voltage (IOH = 0.4mA)
VOH
2.4
V
Tristate Current
IOZ
10
µA
Output Capacitance
10
pF
Bi-directional Capacitance
10
pF
Analog Inputs
Audio Input Voltage
0.7
Vrms
Audio Input Impedance
500k
ohm
Buffer Input Impedance
500k
ohm
Audio Outputs
Audio Output Voltage
0.7
Vrms
DACOUT, BUFOUT Output Impedance
1k
ohm
Digital Supply Current
ICC1
1mA
Analog Supply Current
IDD2
35
mA
Power-Down Mode
1
mA
Play Only Mode
15
mA
Record Mode
30
mA
ICS2002
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com