Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2002Y Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS2002Y
Description  Wavedec Digital Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2002Y Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS2002Y Datasheet HTML 6Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 7Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 8Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 9Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 10Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 11Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 12Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 13Page - Integrated Circuit Systems ICS2002Y Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Indirect Register Map
Indirect
Address
Register
4E
Companion Select Register (write only)
80
Chip Control
81
Interrupt Enables
82
reserved
83
Interrupt status
84
Sample Rate Low 8 bits
85
Sample Rate High 4 bits
86
Sample Rate Control/Status
87
reserved
88
Play DMA Control
89
Play DMA Burst Count
8A
Play DMA Mode
8B
DMA IO Mode Data Port
8C
FIFO Enable/Status
8D
FIFO IRQ Mode
8E
reserved
8F
reserved
90
Power Enable/Status
91
Power Mode
92
reserved
93
reserved
94
DSP Control/Status
95
DSP RAM Address Latch
96
Code RAM Data Port (8/16-bit)
97
Data RAM Data Port (8/16-bit)
98
Record DMA Control
99
Record DMA Burst Count
9A
Record DMA Mode
9B
reserved
Indirect
Address
Register
9C
Record FIFO Enable/Status
9D
Record FIFO IRQ Mode
9E
reserved
9F
reserved
A0
Digital Master Volume
A1
DAC Deglitcher Control
A2
reserved
A3
reserved
A4
ADC Control
A5
Analog Volume/Mute
A6
ADC Timing Control
A7
reserved
ICS2002
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com