Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8501 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8501
Description  Low Skew 1-to-16 Differential Current Mode Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8501 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8501 Datasheet HTML 1Page - Integrated Circuit Systems ICS8501 Datasheet HTML 2Page - Integrated Circuit Systems ICS8501 Datasheet HTML 3Page - Integrated Circuit Systems ICS8501 Datasheet HTML 4Page - Integrated Circuit Systems ICS8501 Datasheet HTML 5Page - Integrated Circuit Systems ICS8501 Datasheet HTML 6Page - Integrated Circuit Systems ICS8501 Datasheet HTML 7Page - Integrated Circuit Systems ICS8501 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS8501
LOW SKEW 1-TO-16 DIFFERENTIAL
CURRENT MODE FANOUT BUFFER
8501
www.icst.com
REV. A - AUGUST 23, 2000
3
TABLE 4. DC ELECTRICAL CHARACTERISTICS, VCC = 3.3V±5%, TA = 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
4.6V
Inputs
-0.5V to VCC+0.5 V
Outputs
-0.5V to VCC+0.5V
Ambient Operating Temperature
0°C to 70°C
Storage Temperature
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications
only and functional operation of the device at these or any conditions beyond those listed in the DC Electrical Characteristics or AC Electrical
Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
TABLE 5. AC ELECTRICAL CHARACTERISTICS, VCC = 3.3V±5%, TA = 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
ti
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
X
A
M
fy
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
e
h
t
f
o
ff
o
ll
o
r
B
d
3
-
e
h
t
t
a
d
e
r
u
s
a
e
M
e
g
a
tl
o
v
t
u
p
t
u
o
k
a
e
p
-
o
t
-
k
a
e
p
0
0
5z
H
M
H
L
p
th
g
i
H
-
o
t
-
w
o
L
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P0 < f ≤
z
H
M
0
5
22
3
s
n
L
H
p
tw
o
L
-
o
t
-
h
g
i
H
,
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P0 < f ≤
z
H
M
0
5
22
3
s
n
)
o
(
k
s
t3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
OX
O
V
t
a
n
o
d
e
r
u
s
a
e
M0
0
1s
p
)
p
p
(
k
s
t
4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
PX
O
V
t
a
n
o
d
e
r
u
s
a
e
M0
5
6s
p
R
te
m
i
T
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
25
7
10
0
7s
p
F
te
m
i
T
ll
a
F
t
u
p
t
u
O%
0
8
o
t
%
0
25
7
10
0
7s
p
W
P
th
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
2
/
E
L
C
Y
C
t
3
.
0
-
2
/
E
L
C
Y
C
t
2
/
E
L
C
Y
C
t
3
.
0
+
s
n
X
O
Ve
g
a
tl
o
V
r
e
v
o
s
s
o
r
C
t
u
p
t
u
O
H
O
V
%
0
4H
O
V
%
0
6V
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
0
5
2
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
:
1
E
T
O
N
5
7
4
s
l
a
u
q
e
F
E
R
R
:
2
E
T
O
N
.
0
5
h
ti
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
r
o
t
s
i
s
e
r
.
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
ti
w
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
if
e
D
:
3
E
T
O
N
.
s
n
o
it
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
ti
w
d
n
a
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
it
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
ff
i
d
n
o
s
t
u
p
t
u
o
t
n
e
r
e
ff
i
d
t
a
w
e
k
s
s
a
d
e
n
if
e
D
:
4
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
C
C
Ve
g
a
tl
o
V
y
l
p
p
u
S
g
n
it
a
r
e
p
O
5
3
1
.
33
.
35
6
4
.
3V
P
P
Ve
g
a
tl
o
V
t
u
p
n
I
k
a
e
P
-
o
t-
k
a
e
P
1
3
.
03
.
1V
R
M
C
V
;
e
g
a
tl
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
1
E
T
O
N
s
l
e
v
e
L
L
C
E
P
V
L8
.
14
.
2V
s
l
e
v
e
L
L
T
S
S
,
S
D
V
L
,
L
T
S
H
,
M
C
D1
3
.
03
.
1V
H
IIt
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IK
L
C
n
,
K
L
CC
C
V
=
N
I
V5
A
µ
L
IIt
n
e
r
r
u
C
w
o
L
t
u
p
n
IK
L
C
n
,
K
L
CV
0
=
N
I
V5
-A
µ
C
C
It
n
e
r
r
u
C
y
l
p
p
u
S
g
n
it
a
r
e
p
O
0
7A
m
H
O
I2
E
T
O
N
;t
n
e
r
r
u
C
t
u
p
t
u
OV
5
3
1
.
3
C
C
V
V
5
6
4
.
31
14
17
1A
m
H
O
Ve
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O5
7
4
=
F
E
R
R
0
5
=
D
A
O
L
R
,
6
.
01
7
.
02
.
1V
L
O
Ve
g
a
tl
o
V
w
o
L
t
u
p
t
u
O5
7
4
=
F
E
R
R
0
5
=
D
A
O
L
R
,
05
0
.
0V
.
V
3
.
3
=
C
C
V
r
o
f
e
r
a
A
4
e
l
b
a
T
n
i
d
e
t
o
n
s
e
u
l
a
v
L
C
E
P
V
L
e
h
T
.
H
I
V
m
u
m
i
n
i
m
e
h
t
s
a
d
e
n
if
e
d
s
i
L
C
E
P
V
L
r
o
f
e
g
a
tl
o
v
t
u
p
n
i
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
r
e
v
o
s
s
o
r
c
e
h
t
s
a
d
e
n
if
e
d
s
i
L
T
S
S
d
n
a
S
D
V
L
,
L
T
S
H
,
M
C
D
r
o
f
e
g
a
tl
o
v
t
u
p
n
i
e
d
o
m
n
o
m
m
o
C
.
C
C
V
h
ti
w
1
:
1
y
r
a
v
lli
w
L
C
E
P
V
L
r
o
f
R
M
C
V
.
B
1
d
n
a
A
1
e
r
u
g
i
F
e
e
S
.
e
g
a
tl
o
v
e
r
o
f
e
r
e
h
T
.
n
o
it
a
l
u
c
l
a
c
t
n
e
r
r
u
c
y
l
p
p
u
s
l
a
t
o
t
e
h
t
n
i
d
e
d
u
l
c
n
i
e
b
d
l
u
o
h
s
d
n
a
d
a
o
l
e
h
t
o
t
d
e
il
p
p
u
s
g
n
i
e
b
t
u
p
t
u
o
r
e
p
t
n
e
r
r
u
c
e
h
t
s
i
H
O
I
:
2
E
T
O
N
.
C
C
I
s
u
l
p
6
1
s
e
m
it
H
O
I
o
t
l
a
u
q
e
s
i
)l
a
t
o
t(
C
C
I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com