Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8501 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS8501
Description  Low Skew 1-to-16 Differential Current Mode Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8501 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS8501 Datasheet HTML 1Page - Integrated Circuit Systems ICS8501 Datasheet HTML 2Page - Integrated Circuit Systems ICS8501 Datasheet HTML 3Page - Integrated Circuit Systems ICS8501 Datasheet HTML 4Page - Integrated Circuit Systems ICS8501 Datasheet HTML 5Page - Integrated Circuit Systems ICS8501 Datasheet HTML 6Page - Integrated Circuit Systems ICS8501 Datasheet HTML 7Page - Integrated Circuit Systems ICS8501 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS8501
LOW SKEW 1-TO-16 DIFFERENTIAL
CURRENT MODE FANOUT BUFFER
8501
www.icst.com
REV. A - AUGUST 23, 2000
7
D
D/2
E
E/2
D1
D1/2
E1
E1/2
-A-
e
-D-
-B-
SEE DETAIL “A”
0.20 C A-B D
4X
NOTE 3
NOTE 3
NOTE 3
NOTE 4
N
O
T
E
4
N
O
T
E
5,
7
NOTE 5, 7
N/4 T IPS
D
D/2
E
E/2
D1
D1/2
E1
E1/2
-A-
e
-D-
-B-
SEE DETAIL “A”
0.20 C A-B D
4X
0.20 C A-B D
0.20 C A-B D
4X
NOTE 3
NOTE 3
NOTE 3
NOTE 4
N
O
T
E
4
N
O
T
E
5,
7
NOTE 5, 7
N/4 T IPS
ddd M C A-B S D S
b
b1
0.09 / 0.20
0.09 / 0.16
BASE METAL
WIT H LEAD FINISH
SEE DETAIL “B”
ccc
8 PLACES
11 / 13°
-C-
-H-
A
NOT E 2 / / 0.10 C
NOTE 9
ddd M C A-B S D S
b
b1
0.09 / 0.20
0.09 / 0.16
BASE METAL
WIT H LEAD FINISH
SEE DETAIL “B”
ccc
8 PLACES
11 / 13°
-C-
-H-
A
NOT E 2 / / 0.10 C
NOTE 9
-A, B, OR -D-
e / 2
-A, B, OR -D-
b
-A, B, OR -D-
e / 2
-A, B, OR -D-
b
NOTES:
1.
ALL DIMENSIONS AND TOLERANCING CONFORM TO ANSI
Y14.5-1982
2.
DATUM PLANE -H- LOCATED AT MOLD PARTING LINE AND
COINCIDENT WITH LEAD, WHERE LEAD EXITS PLASTIC BODY
AT BOTTOM OF PARTING LINE.
3.
DATUMS A-B AND -D- TO BE DETERMINED AT CENTERLINE
BETWEEN LEADS WHERE LEADS EXIT PLASTIC AT DATUM
PLANE -H- .
4.
TO BE DETERMINED AT SEATING PLACE -C- .
5.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION.
6.
“N” IS THE TOTAL NUMBER OF TERMINALS.
7.
THESE DIMENSIONS TO BE DETEREMINED AT DATUM PLANE
-H-.
8.
PACKAGE TOP DIMENSIONS ARE SMALLER THAN BOTTOM
DIMENSIONS AND TOP OF PACKAGE WILL NOT OVERHANG
BOTTOM OF PACKAGE.
9.
DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08mm TOTAL
IN EXCESS OF THE b DIMENSION AT MAXIMUM MATERIAL
CONDITION.
10.
CONTROLLING DIMENSION: MILLIMETER.
11.
THIS OUTLINE CONFORMS TO JEDEC PUBLIBCATION 95
REGISTRATION MS-026, VARIATION BBC.
12.
A1 IS DEFINED AS THE DISTANCE FROM THE SEATING PLANE
TO THE LOWEST POINT OF THE PACKAGE.
S
Y
M
B
O
L
A
A
1
A
2
D
D
1
E
E
1
L
N
e
b
b1
ccc
ddd
JEDEC VARIATION
ALL DIMENSIONS IN MILLIMETERS
BBC
MIN.
NOM.
MAX.
1.60
0.05
0.15
1.35
1.40
1.45
9.00 BSC.
7.00 BSC.
9.00 BSC.
7.00 BSC.
0.45
0.60
0.75
48
0.5 BSC.
0.17
0.22
0.27
0.17
0.20
0.23
0.08
0.08
N
O
T
E
12
4
7, 8
4
7, 8
9
S
Y
M
B
O
L
A
A
1
A
2
D
D
1
E
E
1
L
N
e
b
b1
ccc
ddd
JEDEC VARIATION
ALL DIMENSIONS IN MILLIMETERS
BBC
MIN.
NOM.
MAX.
1.60
0.05
0.15
1.35
1.40
1.45
9.00 BSC.
7.00 BSC.
9.00 BSC.
7.00 BSC.
0.45
0.60
0.75
48
0.5 BSC.
0.17
0.22
0.27
0.17
0.20
0.23
0.08
0.08
N
O
T
E
12
4
7, 8
4
7, 8
9
0.25
0° MIN.
0° -7 °
0.08
R. MIN.
0.20 MIN.
L
0.08/0.20 R.
GAUGE PLANE
1.00 REF.
-H-
A2
A1
DATUM
PLANE
-0.05 S
0.25
0° MIN.
0° -7 °
0.08
R. MIN.
0.20 MIN.
L
0.08/0.20 R.
GAUGE PLANE
1.00 REF.
-H-
A2
A1
DATUM
PLANE
-0.05 S
-0.05 S
PACKAGE OUTLINE AND DIMENSIONS - Y SUFFIX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com