Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8501 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS8501
Description  Low Skew 1-to-16 Differential Current Mode Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8501 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS8501 Datasheet HTML 1Page - Integrated Circuit Systems ICS8501 Datasheet HTML 2Page - Integrated Circuit Systems ICS8501 Datasheet HTML 3Page - Integrated Circuit Systems ICS8501 Datasheet HTML 4Page - Integrated Circuit Systems ICS8501 Datasheet HTML 5Page - Integrated Circuit Systems ICS8501 Datasheet HTML 6Page - Integrated Circuit Systems ICS8501 Datasheet HTML 7Page - Integrated Circuit Systems ICS8501 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS8501
LOW SKEW 1-TO-16 DIFFERENTIAL
CURRENT MODE FANOUT BUFFER
8501
www.icst.com
REV. A - AUGUST 23, 2000
5
FIGURE 2A
- TIMINGWAVEFORMS
CLK
nCLK
Q0 thru Q15
nQ0 thru nQ15
tPHL
tPLH
Vpp
FIGURE 3A - PROPAGATION DELAYS
fin = 250MHz, Vpp = 300mV, tr = tf = 200ps
FIGURE 3A - OUTPUT SKEW DEFINITION & WAVEFORMS
Output Skew - Skew between any outputs. Outputs operating at the same temperature, supply voltages and with equal load
conditions.
CLK
nCLK
Q0
nQ0
Q1 thru Q15
nQ1 thru nQ15
tsk(o)
tsk(o)
FIGURE 3A - OUTPUT SKEW
fin = 250MHz, Vpp = 300mV, tr = tf = 200ps
Vpp
CROSS POINTS
CROSS POINTS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com