Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8501 Datasheet (PDF) - Integrated Circuit Systems

ICS8501 Datasheet PDF - Integrated Circuit Systems
Part # ICS8501
Download  ICS8501 Download
File Size   194.73 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew 1-to-16 Differential Current Mode Fanout Buffer

ICS8501 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8501 Datasheet PDF - Integrated Circuit Systems

Part # ICS8501
Download  ICS8501 Click to download

File Size   194.73 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew 1-to-16 Differential Current Mode Fanout Buffer

ICS8501 Datasheet (HTML) - Integrated Circuit Systems


ICS8501 Product details

GENERAL DESCRIPTION
The ICS8501 is a low skew, 1-to-16 Differential Current Mode Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8501 is designed to translate any differential signal levels to small swing differential current mode (DCM) output levels.

FEATURES
• 16 small swing DCM outputs
• Translates any differential input signal (LVPECL, LVHSTL,
   LVDS, DCM) to DCM levels without external bias networks
• Translates single ended input levels to DCM levels with a
   resistor bias network on the nCLK input
• Translates single ended input levels to inverted DCM levels
   with a resistor bias network on the CLK input
• Maximum output frequency: 500MHz
• Output skew: 100ps (maximum)
• Part-to-part skew: 650ps (maximum)
• VOH: 850mV (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature




Similar Part No. - ICS8501

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS850S1201I IDT-ICS850S1201I Datasheet
781Kb / 12P
12:1 SINGLE-ENDED MULTIPLEXER
ICS850S1601I IDT-ICS850S1601I Datasheet
765Kb / 12P
16:1 SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
More results


Similar Description - ICS8501

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
Low Skew 1-to-16 Fanout Buffer
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
LOW SKEW 1-TO-16 FANOUT BUFFER
REV. B MARCH 8, 2001
ICS8530-01 ICST-ICS8530-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530 ICST-ICS8530 Datasheet
136Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
REV. C AUGUST 7, 2001
ICS8520 ICST-ICS8520 Datasheet
100Kb / 8P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8530I-01 ICST-ICS8530I-01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
logo
Integrated Device Techn...
8530I-01 IDT-8530I-01_15 Datasheet
396Kb / 18P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8530I-01 RENESAS-8530I-01 Datasheet
591Kb / 19P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
ICS85214 RENESAS-ICS85214 Datasheet
483Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
JUNE 3, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com