Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8501 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8501
Description  Low Skew 1-to-16 Differential Current Mode Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8501 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8501 Datasheet HTML 1Page - Integrated Circuit Systems ICS8501 Datasheet HTML 2Page - Integrated Circuit Systems ICS8501 Datasheet HTML 3Page - Integrated Circuit Systems ICS8501 Datasheet HTML 4Page - Integrated Circuit Systems ICS8501 Datasheet HTML 5Page - Integrated Circuit Systems ICS8501 Datasheet HTML 6Page - Integrated Circuit Systems ICS8501 Datasheet HTML 7Page - Integrated Circuit Systems ICS8501 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS8501
LOW SKEW 1-TO-16 DIFFERENTIAL
CURRENT MODE FANOUT BUFFER
8501
www.icst.com
REV. A - AUGUST 23, 2000
4
FIGURE 1A, 1B, 1C - INPUT CLOCK WAVEFORMS
VPP
VCMR
CLK
nCLK
GND
VCC
CROSS POINTS
FIGURE 1A - DCM, LVDS, HSTL, SSTL DIFFERENTIAL INPUT LEVELS
VPP
VCMR
CLK
nCLK
GND
VCC
CROSS POINTS
FIGURE 1B - LVPECL DIFFERENTIAL INPUT LEVEL
GND
VCC
FIGURE 1C- LVCMOS AND LVTTL SINGLE ENDED INPUT LEVEL
CLK
or
nCLK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com