Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8501 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8501
Description  Low Skew 1-to-16 Differential Current Mode Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8501 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8501 Datasheet HTML 1Page - Integrated Circuit Systems ICS8501 Datasheet HTML 2Page - Integrated Circuit Systems ICS8501 Datasheet HTML 3Page - Integrated Circuit Systems ICS8501 Datasheet HTML 4Page - Integrated Circuit Systems ICS8501 Datasheet HTML 5Page - Integrated Circuit Systems ICS8501 Datasheet HTML 6Page - Integrated Circuit Systems ICS8501 Datasheet HTML 7Page - Integrated Circuit Systems ICS8501 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS8501
LOW SKEW 1-TO-16 DIFFERENTIAL
CURRENT MODE FANOUT BUFFER
8501
www.icst.com
REV. A - AUGUST 23, 2000
1
FEATURES
• 16 small swing DCM outputs
• Translates any differential input signal(PECL, HSTL, LVDS,
DCM) to DCM levels without external bias networks
• Translates single ended input levels to DCM levels with a
resistor bias network on the nCLK input
• Translates single ended input levels to inverted DCM levels
with a resistor bias network on the CLK input
• Voh(max) = 1.2V
• 40% of Voh ≤ Vcrossover ≤ 60% of Voh
• 45% ≤ Duty Cycle ≤ 55%
• Output frequency up to 500MHz
• 100ps output skew
• 3.3V operating supply
• 48 lead low-profile QFP(LQFP), 7mm x 7mm x 1.4mm
package body, 0.5mm package lead pitch
• 0°C to 70°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VCC
Q11
nQ11
Q10
nQ10
GND
Q9
nQ9
Q8
nQ8
VCC
nc
CLK
VCC
nQ0
Q0
nQ1
Q1
GND
nQ2
Q2
nQ3
Q3
VCC
ICS8501
GENERAL DESCRIPTION
The ICS8501 is a low skew, 1-to-16 Differential
Current Mode Fanout Buffer and a member of
the HiPerClockS™ family of High Performance
Clock Solutions from ICS. The ICS8501 is de-
signed to translate any differential signal levels
to small swing differential current mode(DCM) output levels.
An external reference resistor is used to set the value of the
current supplied to an external load load/termination resis-
tor. The load resistor value is chosen to equal the value of
the characteristic line impedance of 50Ω. The ICS8501 is char-
acterized at an operating supply voltage of 3.3V.
The small swing outputs, accurate crossover voltage and duty
cycle makes the ICS8501 ideal for interfacing to today’s most
advanced microprocessors.
HiPerClockS™
,&6
CLK
nCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q15
nQ15
Q14
nQ14
Q13
nQ13
Q12
nQ12
Q11
nQ11
Q10
nQ10
Q9
nQ9
Q8
nQ8
48-Lead LQFP
Y Package
Top View


Similar Part No. - ICS8501

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS850S1201I IDT-ICS850S1201I Datasheet
781Kb / 12P
12:1 SINGLE-ENDED MULTIPLEXER
ICS850S1601I IDT-ICS850S1601I Datasheet
765Kb / 12P
16:1 SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
More results

Similar Description - ICS8501

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
Low Skew 1-to-16 Fanout Buffer
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
LOW SKEW 1-TO-16 FANOUT BUFFER
REV. B MARCH 8, 2001
ICS8530-01 ICST-ICS8530-01 Datasheet
125Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 8, 2001
ICS8530 ICST-ICS8530 Datasheet
136Kb / 12P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-2.5V LVPECL FANOUT BUFFER
REV. C AUGUST 7, 2001
ICS8520 ICST-ICS8520 Datasheet
100Kb / 8P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8530I-01 ICST-ICS8530I-01 Datasheet
267Kb / 17P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. A FEBRUARY 25, 2005
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
logo
Integrated Device Techn...
8530I-01 IDT-8530I-01_15 Datasheet
396Kb / 18P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8530I-01 RENESAS-8530I-01 Datasheet
591Kb / 19P
Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
ICS85214 RENESAS-ICS85214 Datasheet
483Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TOHSTL FANOUT BUFFER
JUNE 3, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com