Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00PUR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST8R00PUR
Description  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST8R00PUR Datasheet HTML 2Page - STMicroelectronics ST8R00PUR Datasheet HTML 3Page - STMicroelectronics ST8R00PUR Datasheet HTML 4Page - STMicroelectronics ST8R00PUR Datasheet HTML 5Page - STMicroelectronics ST8R00PUR Datasheet HTML 6Page - STMicroelectronics ST8R00PUR Datasheet HTML 7Page - STMicroelectronics ST8R00PUR Datasheet HTML 8Page - STMicroelectronics ST8R00PUR Datasheet HTML 9Page - STMicroelectronics ST8R00PUR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Maximum ratings
ST8R00
6/18
Doc ID 13449 Rev 2
4
Maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VO
Output voltage
16
V
VI
Input voltage
6
V
VINH
Inhibit voltage
6
V
VLX
LX pin voltage
16
V
ILX
LX pin output current
Internally limited
TSTG
Storage temperature range
-50 to 150
°C
TOP
Operating junction temperature range
-25 to 125
°C
Table 4.
Thermal Data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
10
°C/W
RthJA
Thermal resistance junction-ambient
50
°C/W
Table 5.
ESD Performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
4
KV
ESD
ESD protection voltage
MM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com