Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST8R00PUR
Description  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST8R00PUR Datasheet HTML 5Page - STMicroelectronics ST8R00PUR Datasheet HTML 6Page - STMicroelectronics ST8R00PUR Datasheet HTML 7Page - STMicroelectronics ST8R00PUR Datasheet HTML 8Page - STMicroelectronics ST8R00PUR Datasheet HTML 9Page - STMicroelectronics ST8R00PUR Datasheet HTML 10Page - STMicroelectronics ST8R00PUR Datasheet HTML 11Page - STMicroelectronics ST8R00PUR Datasheet HTML 12Page - STMicroelectronics ST8R00PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ST8R00
Typical characteristics
Doc ID 13449 Rev 2
9/18
Figure 10.
Inhibit voltage vs. temperature
(VI = 4 V)
Figure 11.
Inhibit voltage vs. temperature
(VI = 6 V)
Figure 12.
Line regulation vs. temperature
Figure 13.
Load regulation vs. temperature
Figure 14.
Oscillator frequency vs.
temperature
Figure 15.
Max oscillator duty cycle vs.
temperature
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
ON
OFF
V
I=4V, VINH from 0 to 2V, IO=50mA
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
ON
OFF
V
I=4V, VINH from 0 to 2V, IO=50mA
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
I=6V, VINH from 0 to 2V, IO=50mA
0
0.5
1
1.5
2
2.5
3
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ON
OFF
V
I=6V, VINH from 0 to 2V, IO=50mA
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I= from 4V to 6V, IO=1A
V
O@9.5V
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I= from 4V to 6V, IO=1A
V
O@9.5V
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5V, IO from 100mA to 1A
V
O@9.5V
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5V, IO from 100mA to 1A
V
O@9.5V
V
I=VINH=5V, No Inductor, No Load
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=VINH=5V, No Inductor, No Load
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
80
82.5
85
87.5
90
92.5
95
97.5
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=VINH=5V, VFB=GND, No Inductor
80
82.5
85
87.5
90
92.5
95
97.5
100
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=VINH=5V, VFB=GND, No Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com