Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00PUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST8R00PUR
Description  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST8R00PUR Datasheet HTML 4Page - STMicroelectronics ST8R00PUR Datasheet HTML 5Page - STMicroelectronics ST8R00PUR Datasheet HTML 6Page - STMicroelectronics ST8R00PUR Datasheet HTML 7Page - STMicroelectronics ST8R00PUR Datasheet HTML 8Page - STMicroelectronics ST8R00PUR Datasheet HTML 9Page - STMicroelectronics ST8R00PUR Datasheet HTML 10Page - STMicroelectronics ST8R00PUR Datasheet HTML 11Page - STMicroelectronics ST8R00PUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical characteristics
ST8R00
8/18
Doc ID 13449 Rev 2
6
Typical characteristics
L = 4.7 µH, CI = CO = 10 µF.
Figure 4.
Voltage feedback vs. temperature
Figure 5.
Feedback current vs. temperature
Figure 6.
Supply current vs. temperature
(VI = VINH = 5 V)
Figure 7.
Supply current vs. temperature
(VINH = 2 V)
Figure 8.
Supply current vs. temperature
(VFB = 2 V)
Figure 9.
LX current limitation vs.
temperature
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=VINH=5V, IO=50mA
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=VINH=5V, IO=50mA
-100
0
100
200
300
400
500
600
700
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5V, VINH=2V, No Inductor, No Bridge
-100
0
100
200
300
400
500
600
700
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5V, VINH=2V, No Inductor, No Bridge
V
I=VINH=5V, No Load
0
2
4
6
8
10
12
14
16
18
20
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
@V
O=7V
V
I=VINH=5V, No Load
0
2
4
6
8
10
12
14
16
18
20
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
@V
O=7V
0
5
10
15
20
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5,VINH=2V,No Load, VO@ 7V
0
5
10
15
20
-75
-50
-25
0
25
50
75
100 125 150 175
T [°C]
V
I=5,VINH=2V,No Load, VO@ 7V
V
I = VINH = 5 V, VFB = 2 V
400
450
500
550
600
650
700
750
800
- 75
- 50
- 25
0
25
50
75
100
125
150
175
T [°C]
No resistors bridge and inductor directly to VI
0
0.5
1
1.5
2
2.5
3
3.5
4
-75
-50
-25
0
25
50
75
100
125 150
175
T [°C]
V
IN=VINH=5V, @VO<10%
0
0.5
1
1.5
2
2.5
3
3.5
4
-75
-50
-25
0
25
50
75
100
125 150
175
T [°C]
V
IN=VINH=5V, @VO<10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com