Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST8R00PUR
Description  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR Datasheet(HTML) 1 Page - STMicroelectronics

  ST8R00PUR Datasheet HTML 1Page - STMicroelectronics ST8R00PUR Datasheet HTML 2Page - STMicroelectronics ST8R00PUR Datasheet HTML 3Page - STMicroelectronics ST8R00PUR Datasheet HTML 4Page - STMicroelectronics ST8R00PUR Datasheet HTML 5Page - STMicroelectronics ST8R00PUR Datasheet HTML 6Page - STMicroelectronics ST8R00PUR Datasheet HTML 7Page - STMicroelectronics ST8R00PUR Datasheet HTML 8Page - STMicroelectronics ST8R00PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
February 2012
Doc ID 13449 Rev 2
1/18
18
ST8R00
Micropower 1 A synchronous step-up DC-DC converter
Features
■ Output voltage adjustable from 6 V to 12 V
■ Output voltage accuracy: ± 2%
■ Output current up to 1 A
■ Low ripple voltage: 5 mV (typ.)
■ Synchronous rectification
■ High 90% efficiency: VO = 9 V (typ.)
■ Few external components
■ Thermal shutdown protection
■ Very small DFN8 (4 x 4 mm) package
Description
The ST8R00 is a synchronous PWM step-up DC-
DC converter. The device is able to provide an
output voltage in the range of 6 to 12 V with an
input voltage from 4 to 6 V. The high switching
frequency (1.7 MHz) permits the use of tiny
surface-mount components. In addition to the
resistor divider to set the output voltage value,
only an inductor and two capacitors are required.
Moreover, a low output ripple is guaranteed by the
current mode PWM topology and by the use of
low ESR SMD ceramic capacitors. The device is
available in a very small DFN8 (4 x 4 mm)
package.
DFN8 4 x 4 mm
Table 1.
Device summary
Part number
Order code
Output voltage
ST8R00
ST8R00WPUR
ADJ
www.st.com


Similar Part No. - ST8R00PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8R00 STMICROELECTRONICS-ST8R00 Datasheet
793Kb / 19P
Micropower 1A synchronous step-up DC-DC converter
23-May-2007
logo
Littelfuse
ST8R001B LITTELFUSE-ST8R001B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST8R003B LITTELFUSE-ST8R003B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST8R006B LITTELFUSE-ST8R006B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
logo
STMicroelectronics
ST8R00W STMICROELECTRONICS-ST8R00W Datasheet
793Kb / 19P
Micropower 1A synchronous step-up DC-DC converter
23-May-2007
More results

Similar Description - ST8R00PUR

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
Micropower Step-up DC/DC Converter
logo
Analog Microelectronics
AME5138 AME-AME5138 Datasheet
533Kb / 16P
Micropower Step-Up DC/DC Converter
logo
STMicroelectronics
ST8R00 STMICROELECTRONICS-ST8R00 Datasheet
793Kb / 19P
Micropower 1A synchronous step-up DC-DC converter
23-May-2007
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309A TMT-T6309A Datasheet
364Kb / 13P
Micropower Step-up DC/DC Converter
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com