Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00PUR Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST8R00PUR
Description  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST8R00PUR Datasheet HTML 10Page - STMicroelectronics ST8R00PUR Datasheet HTML 11Page - STMicroelectronics ST8R00PUR Datasheet HTML 12Page - STMicroelectronics ST8R00PUR Datasheet HTML 13Page - STMicroelectronics ST8R00PUR Datasheet HTML 14Page - STMicroelectronics ST8R00PUR Datasheet HTML 15Page - STMicroelectronics ST8R00PUR Datasheet HTML 16Page - STMicroelectronics ST8R00PUR Datasheet HTML 17Page - STMicroelectronics ST8R00PUR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Package mechanical data
ST8R00
16/18
Doc ID 13449 Rev 2
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
99
101
3.898
3.976
T
14.4
0.567
Ao
4.35
0.171
Bo
4.35
0.171
Ko
1.1
0.043
Po
4
0.157
P
8
0.315
Tape & Reel QFNxx/DFNxx (4x4) Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com