Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8R00PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST8R00PUR
Description  Micropower 1 A synchronous step-up DC-DC converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8R00PUR Datasheet(HTML) 4 Page - STMicroelectronics

  ST8R00PUR Datasheet HTML 1Page - STMicroelectronics ST8R00PUR Datasheet HTML 2Page - STMicroelectronics ST8R00PUR Datasheet HTML 3Page - STMicroelectronics ST8R00PUR Datasheet HTML 4Page - STMicroelectronics ST8R00PUR Datasheet HTML 5Page - STMicroelectronics ST8R00PUR Datasheet HTML 6Page - STMicroelectronics ST8R00PUR Datasheet HTML 7Page - STMicroelectronics ST8R00PUR Datasheet HTML 8Page - STMicroelectronics ST8R00PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Pin configuration
ST8R00
4/18
Doc ID 13449 Rev 2
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 2.
Pin description
Pin n°
Symbol
Name and function
1
LX
Switching output
2
PGND
Power ground
3
GND
Analog ground
4
IN
Power input for analog circuit
5
FB
Feedback
6INH
Inhibit. Connecting the pin to a voltage higher than 2 V = device ON.
Connecting the pin to a voltage lower than 0.8 V = device OFF,
resulting in no current flow to the load
7
HV
Trimming (floating or connected to GND)
8
OUT
Output voltage
EXP pad
GND
Exposed pad. Must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com