Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-08 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9150F-08
Description  Frequency Generator & Integrated Buffers for Pentium/Pro?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-08 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9150F-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 9Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 10Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 11Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 12Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
ICS9150-08
SSOP Package
Ordering Information
ICS9150F-08
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F=SSOP
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV = Standard Device
Example:
ICS XXXX F - PPP
SYMBOL
COMMON DIMENSIONS
VARIATIONS
D
N
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
.095
.101
.110
AC
.620
.625
.630
48
A1
.008
.012
.016
AD
.720
.725
.730
56
A2
.088
.090
.092
B
.008
.010
.0135
C.005
-
.010
D
See Variations
E
.292
.296
.299
e0.025 BSC
H
.400
.406
.410
h
.010
.013
.016
L
.024
.032
.040
N
See Variations
∝
0°
5°
8°
X
.085
.093
.100
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com