Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-08 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9150F-08
Description  Frequency Generator & Integrated Buffers for Pentium/Pro?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-08 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9150F-08 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9150-08
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation.
Frequency Generator & Integrated Buffers for Pentium/Pro™
9150-08 Rev E 09/28/98
Pin Configuration
•
3.3V outputs: SDRAM, PCI, REF, 48/24MHz
•
2.5V outputs: CPU, IOAPIC
•
20 ohm CPU clock output impedance
•
20 ohm PCI clock output impedance
•
Skew from CPU (earlier) to PCI clock - 1 to 4 ns, center
2.6 ns.
•
No external load cap for CL=18pF crystals
•
±250 ps CPU, PCI clock skew
•
250ps (cycle to cycle) CPU jitter
•
Smooth CPU frequency switching from 50 to 133 MHz
•I2C interface for programming
•
2ms power up clock stable time
•
Clock duty cycle 45-55%.
•
56 pin 300 mil SSOP package
•
3.3V operation, 5V tolerant inputs (with series R)
•
<5.5ns SDRAM propagation delay from Buffer Input
56-Pin SSOP
The ICS9150-08 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel
PentiumPro or Cyrix. Eight different reference frequency
multiplying factors are selectable.
Features include three CPU, seven PCI and seventeen SDRAM
clocks. Two reference output is available equal to the crystal
frequency, plus two IOAPIC outputs powered by VDDL1.
One 48 MHz for USB is provided plus a 24 MHz. Spread
Spectrum built in at ±0.5% or ±0.25% modulation to reduce
EMI. Serial programming I2C interface allows changing
functions, stop clock programing and Frequency selection. It
is not recommended to use dual function I/O pins to clock
slots (ISA, PIC, CPU, DIMM). The add on card may have a
pull-up or pull-down. Additionally, the device meets the
Pentium power-up stabilization, which requires that CPU and
PCI clocks be stable within 2ms after power-up.
High drive PCICLK and SDRAM outputs typically provide
greater than 1 V/ns slew rate into 30pF loads. CPUCLK outputs
typically provide better than 1V/ns slew rate into 20pF loads
while maintaining 50±5% duty cycle. The REF, 24 and 48 MHz
clock outputs typically provide better than 0.5V/ns slew rates
into 20pF.
Power Groups
VDD1 = REF (0:1), X1, X2
VDD2 = PCICLK_F, PCICLK(0:5)
VDD3 = SDRAM (0:18), supply for PLL core,
VDD4 = 48MHz, 24MHz
VDDL1 = IOAPIC_F
VDDL2 = CPUCLK_F (1:2)
* Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9150F-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9150F-01 ICST-ICS9150F-01 Datasheet
329Kb / 14P
Pentium Pro??and SDRAM Frequency Generator
RevE 4/25/01
ICS9150F-02 ICST-ICS9150F-02 Datasheet
511Kb / 8P
Pentium Pro and SDRAM Frequency Generator
Rev D 09/18/97
ICS9150F-04 ICST-ICS9150F-04 Datasheet
465Kb / 19P
Pentium Pro??and SDRAM Frequency Generator
RevD 07/27/98
More results

Similar Description - ICS9150F-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-14 ICST-ICS9147-14 Datasheet
495Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev B 071897
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
Rev A 092297
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com