Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-08 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9150F-08
Description  Frequency Generator & Integrated Buffers for Pentium/Pro?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-08 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9150F-08 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
ICS9150-08
Byte 1: CPU, Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTION
Bit 7
-
1
Reserved
Bit 6
-
1
Reserved
Bit 5
-
1
Reserved
Bit 4
-
1
Reserved
Bit 3
46
1
SDRAM16 (Act/Inact)
Bit 2
49
1
CPUCLK2 (Act/Inact)
Bit 1
51
1
CPUCLK1 (Act/Inact)
Bit 0
52
1
CPUCLK0 (Act/Inact)
Byte 2: PCI, Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTION
Bit 7
-
1
Reserved
Bit 6
8
1
PCICLKF (Act/Inact)
Bit 5
16
1
PCICLK5 (Act/Inact)
Bit 4
14
1
PCICLK4 (Act/Inact)
Bit 3
13
1
PCICLK3 (Act/Inact)
Bit 2
12
1
PCICLK2 (Act/Inact)
Bit 1
11
1
PCICLK1 (Act/Inact)
Bit 0
9
1
PCICLK0 (Act/Inact)
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
2. Latched Frequency Selects (FS#) will be inferted logic
load of the input frequency select pin conditions.
BIT
PIN#
PWD
DESCRIPTION
Bit 7
-
-
Latched FS0#
Bit 6
-
1
Reserved
Bit 5
-
1
Reserved
Bit 4
-
-
Latched FS1#
Bit 3
-
1
Reserved
Bit 2
-
1
Reserved
Bit 1
-
1
Reserved
Bit 0
-
1
Reserved
Byte 4: Reserved , Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN# PWD
DESCRIPTION
Bit 7
-
1
Reserved
Bit 6
-
-
Latched FS2#
Bit 5
54
1
IOAPIC1 (Act/Inact)
Bit 4
55
1
IOAPIC0 (Act/Inact)
Bit 3
-
1
Reserved
Bit 2
-
1
Reserved
Bit 1
2
1
REF1 (Act/Inact)
Bit 0
3
1
REF0 (Act/Inact)
Byte 5: Peripheral , Active/Inactive Register
(1= enable, 0 = disable)
Byte 3: SDRAM, Active/Inactive Register
(1= enable, 0 = disable)
BIT
PIN#
PWD
DESCRIPTION
Bit 7
-
1
Reserved
Bit 6
-
1
Reserved
Bit 5
30
1
48MHz (Act/Inact)
Bit 4
29
1
24MHz (Act/Inact)
Bit 3
33, 32,
25, 24
1
SDRAM(12:15) (Act/Inact)
Bit 2
22, 21,
19, 18
1
SDRAM (8:11) (Act/Inact)
Bit 1
39, 38,
36, 35
1
SDRAM (4:7) (Act/Inact)
Bit 0
44, 43,
41, 40
1
SDRAM0 (0:3) (Act/Inact)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com