Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-08 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9150F-08
Description  Frequency Generator & Integrated Buffers for Pentium/Pro?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-08 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9150F-08 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
ICS9150-08
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
A.
For the clock generator to be addressed by an I2C controller, the following address must be sent as a start sequence,
with an acknoledge bit between each byte.
B.
The clock generator is a slave/receiver I2C component. It can read back the data stored in the latches for verification. (set
R/W# to 1 above) Read-Back will support Intel PIIX4 "Block-Read" protocol, with a "Byte count" following the
address with R/W#=1, then proceding to Byte 0, 1, 2, ...until STOP.
C.
The data transfer rate supported by this clock generator is 100K bits/sec (standard mode)
D.
The input is operating at 3.3V logic levels.
E.
The data byte format is 8 bit bytes.
F.
To simplify the clock generator I2C interface, the protocol is set to use only "Block-Writes" from the controller. The
bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte
has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those
two bytes. The data is loaded until a Stop sequence is issued.
G..
At power-on, all registers are set to a default condition. Byte 0 defaults to a 0, Bytes 1 through 5 default to a 1 (Enabled
output state).
General I
2C serial interface information
I2C is a trademark of Philips Corporation
Then Byte 0, 1, 2, etc in
sequence until STOP.
Clock Generator
Address (7 bits)
ACK
+ 8 bits dummy
command code
ACK
+ 8 bits dummy
Byte count
ACK
A(6:0) & R/W#
D2(H)
Then Byte 0, 1, 2, etc. in
sequence until STOP.
Clock Generator
Address (7 bits)
ACK
Byte Count
Readback
ACK
A(6:0) & R/W#
D3(H)
Bit
Description
PW D
Bit 7
0 - ±0.25% Spread Spectrum Modulation
1 - ±0.5% Spread Spectrum Modulation
0
Bit6 Bit5 Bit4
CPU clock
PCI
Note1
Bit 6:4
111
110
100.2
133.32
33.3 (CPU/3)
33.3 (CPU/4)2
101
100
112.02
103
37.3 (CPU/3)2
34.3 (CPU/3)
011
010
66.8
83.3
33.4 (CPU/2)
41.65(CPU/2)
001
000
75
50
37.5 (CPU/2)
25 (CPU/2)
Bit 3
0 - Frequency is selected by hardware select, Latched
Inputs
1 - Frequency is selected by Bit 6:4 (above)
0
Bit 2
0 - Spread Spectrum center spread type.
1 - Spread Spectrum down spread type.
0
Bit 1
0 - Normal
1 - Spread Spectrum Enabled
0
Bit 0
0 - Running
1- Tristate all outputs
0
Note1. Default at Power-up will be for
latched logic inputs to define
frequency. Bits 4, 5, 6 are default
to 000, and if bit 3 is written to a 1
to use Bits 6:4, then these should
be defined to desired frequency at
same write cycle.
Note2. Performance not guaranteed
Note: PWD = Power-Up Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com