Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-08 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9150F-08
Description  Frequency Generator & Integrated Buffers for Pentium/Pro?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-08 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9150F-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 9Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 10Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 11Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 12Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
ICS9150-08
Electrical Characteristics - CPU
TA = 0 - 70C; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP2A
1
VO = VDD*(0.5)
10
20
Ω
Output Impedance
RDSN2A
1
VO = VDD*(0.5)
10
20
Ω
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.3
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.2
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-30
-19
mA
Output Low Current
IOL2B
VOL = 0.7 V
25
37
mA
Rise Time
tr2A
1
VOL = 0.4 V, VOH = 2.0 V @ 66MHz
1.3
1.6
ns
Fall Time
tf2A
1
VOH = 2.0 V, VOL = 0.4 V @ 66MHz
1.1
1.6
ns
Duty Cycle
dt2A
1
VT = 1.25 V
45.0
51.0
55.0
%
Skew (Window)
tsk2A
1
VT = 1.25 V
40
250
ps
period(norm) VT = 1.25 V; 100MHz
9.75
10
10.25
ns
period(spr) VT = 1.25 V; 100MHz
9.75
10
10.35
ns
Jitter
tj1s2A
1
VT = 1.25 V
120
350
ps
tjabs2A
1
VT = 1.25 V
-250
100
+250
ps
Dev run avg VT = 1.25 V
150
250
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
23
55
Ω
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
20
55
Ω
Output High Voltage
VOH1
IOH = -28 mA
2.4
2.9
V
Output Low Voltage
VOL1
IOL = 23 mA
0.2
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-58
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
52
mA
Rise Time
tr1
1
VOL = 0.8 V, VOH = 2.4 V
1.5
2.0
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.8 V
1.4
2.0
ns
Duty Cycle
dt1
1
VT = 1.5 V
45.0
50.0
55.0
%
Skew
tsk1
1
VT = 1.5 V
80
250
ps
Jitter
tj1s1
1
VT = 1.5 V
50
150
ps
tjabs1
1
VT = 1.5 V
200
500
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com