Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-08 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9150F-08
Description  Frequency Generator & Integrated Buffers for Pentium/Pro?
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-08 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9150F-08 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-08 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS9150-08
Pin Descriptions
Notes:
1:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to
program logic Hi to VDD or GND for logic low.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
2
REF1
OUT
14.318 MHz reference clock output
FS21
IN
Latched frequency select input. Has pull-up to VDD2.
3
REF0
OUT
14.318MHz reference clock output
PCI_STOP#
IN
Halts PCICLK (0:5) at logic "0" level when low.
(in mobile, MODE=0)
4, 10, 23, 26, 34, 42,
48, 53
GND
PWR
Ground.
5
X1
IN
14.318MHz input. Has internal load cap, (nominal 33pF).
6
X2
OUT
Crystal output. Has internal load cap (33pF) and feedback
resistor to X1
8
PCICLK_F
OUT
Free running BUS clock not afected by PCI_STOP#
MODE1
IN
Latched input for MODE select. Converts pin 3 to PCI_STOP# when
low for power management.
9, 11, 12,
13, 14, 16
PCICLK (0:5)
OUT
PCI Clock Outputs.
17
BUFFERIN
IN
Input for Buffers
27
SDATA
IN
Serial data in for serial config port. (I2C)
28
SCLK
IN
Clock input for serial config port. (I2C)
30
24MHz
OUT
24MHz clock output for Super I/O or FD.
FS01
IN
Latched frequency select input. Has pull-up to VDD4.
29
48MHz
OUT
48MHz clock output for USB.
FS11
IN
Latched frequency select input. Has pull-up to VDD2.
1, 7, 15, 20,
31, 37, 45
VDD2, VDD1,
VDD3, VDD4
PWR
Nominal 3.3V power supply, see power groups for function.
18, 19, 21, 22, 24,
25, 32, 33, 35, 36,
38, 39, 40 41, 43,
44, 46
SDRAM
(1:8) (15:12) (7:0), 16
OUT
SDRAM clocks
47
CPU_STOP#
IN
Halts CPUCLK (1:2), IOAPIC0, SDRAM (0:16) clocks at logic "0"
level when low.
50, 56
VDDL2, VDDL1
PWR
CPU and IOAPIC clock buffer power supply, either 2.5 or 3.3V
nominal.
55
IOAPIC0
OUT
IOAPIC clock output. (14.318 MHz) Poweredby VDDL1
51, 49
CPUCLK (1:2)
OUT
CPU Output clocks. Powered by VDDL2 (60 or 66.6MHz)
52
CPUCLK_F
OUT
Free running CPU output clock. Not affected ty the CPU_STOP#.
54
IOAPIC_F
OUT
Freerunning IOAPIC clock output. Not affected by the CPU_STOP#
(14.31818 MHz) Powered by VDDL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com