Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices AD9501 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
AD9501
–7–
As shown on the Functional Block Diagram, TTL/CMOS
latches are included to store the digital delay data. Data is
latched when LATCH is HIGH. When LATCH is LOW,
the latches are transparent, and the DAC will attempt to
follow any changes on inputs D0–D7.
Figure 5 shows the timing relationship between the input data
and the LATCH. The DAC settling time (tLD) is approximately
30 ns. After the digital (programmed delay) data is updated, a
minimum 30 ns must elapse between the time LATCH goes
HIGH and the arrival of a TRIGGER pulse to assure rated
pulse delay accuracy.
When RESET goes HIGH, the ramp timing capacitor
(CEXT + 8.5 pF) is discharged. The RESET input is level-sensitive
and overrides the TRIGGER input. Therefore, any trigger pulse
that occurs when RESET is HIGH will not produce an output
pulse. As shown in Figure 5, the next trigger pulse should not
occur before the linear ramp settling time (tLRS) interval is com-
pleted to assure rated pulse delay accuracy.
For most applications, OUTPUT can be tied to RESET.
This causes the output pulse to be narrow (equal to the reset
propagation delay, tRD). Alternatively, an external pulse can be
applied to RESET. To assure a valid output pulse, however, the
delay between TRIGGER and RESET should be equal to or
greater than the total delay of tPD + tD illustrated in Figure 2.
As shown in Figure 2, the capacitor voltage discharges rapidly
and includes a small amount of overshoot and ringing. Rated timing
delay will not be realized unless subsequent trigger events are
delayed until after the linear ramp settles to its reset voltage value.
The values for the various delay increments in the specification
table are based on a full-scale delay range of 100 ns with OUTPUT
tied to RESET (self-resetting operation).
When full-scale delay range is set for intervals shorter than 100 ns,
the rate of change of the linear ramp is increased. This faster rate
means the maximum trigger rate shown in the specification table
is increased because the ramp generator delay, and consequently,
minimum propagation delay, tPD, become smaller.
Linear ramp settling time (tLRS) also becomes shorter as full-scale
delay range is decreased. Minimum delays for various full-scale
delay range values are shown in Figure 3.
tD
tPD
tRHO
tTHO
tLRS
tLD
tRD
tL
tH
tS
tT
tR
LATCH
DIGITAL
DATA
TRIGGER
INPUT
RESET
INPUT
OUTPUT
NOTES
A TRIGGERING EVENT MAY OCCUR AT ANY TIME THE DAC (PROGRAMMED DELAY)
IS BEING CHANGED. TRIGGERING EVENTS DURING THE INTERNAL DAC SETTLING
TIME MAY NOT GENERATE AN ACCURATE PULSE DELAY.
– LATCH PULSE WIDTH
– DIGITAL HOLD TIME
– DIGITAL DATA SETUP TIME
– DAC SETTLING TIME
– TRIGGER PULSE WIDTH
– LINEAR RAMP SETTLING TIME
– TRIGGER-TO-RESET HOLD-OFF
– RESET-TO-TRIGGER HOLD-OFF
– RESET PULSE WIDTH
– MINIMUM PROPAGATION DELAY
– RESET PROPAGATION DELAY
– PROGRAMMED DELAY
tL
tH
tS
tLD
tT
tLRS
tRHO
tTHO
tR
tPD
tRD
tD
Figure 5. System Timing
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com