Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 1 Page - Analog Devices

  AD9501 Datasheet HTML 1Page - Analog Devices AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
a
AD9501
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
Digitally Programmable
Delay Generator
FEATURES
Single 5 V Supply
TTL- and CMOS-Compatible
10 ps Delay Resolution
2.5 ns to 10
s Full-Scale Range
Maximum Trigger Rate 50 MHz
APPLICATIONS
Disk Drive Deskewing
Data Communications
Test Equipment
Radar I and Q Matching
GENERAL DESCRIPTION
The AD9501 is a digitally programmable delay generator that
provides programmed time delays of an input pulse. Operating
from a single 5 V supply, the AD9501 is TTL- or CMOS-
compatible and capable of providing accurate timing adjust-
ments with resolutions as low as 10 ps. Its accuracy and
programmability make it ideal for use in data deskewing and
pulse delay applications, as well as clock timing adjustments.
Full-scale delay range is set by the combination of an external
resistor and capacitor and can range from 2.5 ns to 10
ms for a
single AD9501. An 8-bit digital word selects a time delay within
the full-scale range. When triggered by the rising edge of an input
pulse, the output of the AD9501 will be delayed by an amount
equal to the selected time delay (tD) plus an inherent propaga-
tion delay (tPD).
The AD9501 is available for a commercial temperature range
of 0
∞C to 70∞C in a 20-lead plastic DIP and a 20-lead plastic
leaded chip carrier (PLCC).
FUNCTIONAL BLOCK DIAGRAM
OFFSET
ADJUST RSET CEXT
AD9501
TRIGGER
CIRCUIT
RAMP
GENERATOR
+VS
+VS
GND
GND
DAC
OUTPUT
D7 D6 D5 D4 D3 D2 D1 D0
LATCH
TRIGGER
RESET
D/A CONVERTER
TTL LATCHES
–
+
(MSB)
(LSB)
OBSOLETE


Similar Part No. - AD9501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9501 AD-AD9501 Datasheet
180Kb / 12P
Digitally Programmable Delay Generator
REV.A
AD9501JN AD-AD9501JN Datasheet
180Kb / 12P
Digitally Programmable Delay Generator
REV.A
AD9501JP AD-AD9501JP Datasheet
180Kb / 12P
Digitally Programmable Delay Generator
REV.A
AD9501JQ AD-AD9501JQ Datasheet
180Kb / 12P
Digitally Programmable Delay Generator
REV.A
AD9501SQ AD-AD9501SQ Datasheet
180Kb / 12P
Digitally Programmable Delay Generator
REV.A
More results

Similar Description - AD9501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9500 AD-AD9500 Datasheet
131Kb / 11P
Digitally Programmable Delay Generator
REV.D
AD9501 AD-AD9501 Datasheet
180Kb / 12P
Digitally Programmable Delay Generator
REV.A
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261 Datasheet
95Kb / 15P
Dual Digitally Programmable Potentiometer
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
Configured Digitally Programmable Potentiometer
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
Digitally Programmable Delay Units
logo
Analog Devices
AD9500 AD-AD9500_15 Datasheet
140Kb / 11P
Digitally Programmable Delay Generator
REV. D
logo
ON Semiconductor
FAN53526 ONSEMI-FAN53526 Datasheet
1Mb / 25P
Digitally Programmable TinyBuck Regulator
July 2017 Rev. 3.1
FAN53200 ONSEMI-FAN53200 Datasheet
785Kb / 16P
Digitally Programmable TinyBuck Regulator
January, 2018 ??Rev. 2
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com