Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices AD9501 Datasheet HTML 11Page - Analog Devices AD9501 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
AD9501
–9–
Programmable Pulse Generator
In Figure 9, two AD9501 units are triggered from a common
clock signal. Their outputs go to the inputs of an RS flip-flop.
A digital delay value is applied as an input to each with
AD9501 #2 typically having a larger value than AD9501 #1.
TRIGGER AD9501 #1
DIGITAL
DATA
LATCH
OUTPUT
RESET
TRIGGER
AD9501 #2
LATCH
RESET
OUTPUT
DIGITAL
DATA
CLOCK IN
Q1
Q2
Q0
tD #1
tD #2
tD #1
tD #2
CLOCK IN
8
P BUS
Q1
Q2
OUTPUT
Q
Q0
S
R
DECODER
Figure 9. Programmable Pulse Delay Generator
As shown by the timing portion of the diagram, changing the
delay value from one clock cycle to the next generates a pseudo-
random pulse whose leading and trailing edge delays are controlled
relative to Clock In. The dashed lines illustrate how the
programmed delays of the AD9501 components control both
the timing and width of the generator output.
The frequency (f) and pulse width (tpw) of the pulse generator
can be determined as follows:
ff
CLOCK IN
=
and:
tt
t
pw
TOT
TOT
=
21
–
with tTOT being equal to each AD9501’s minimum propagation
delay (tPD) plus programmed delay (tD). If both AD9501s are
set for the same full-scale delay range, their minimum propagation
delays will be approximately the same, and the pulse width will
be approximately equal to the difference in programmed delays.
Digital Delay Detector
An unknown digital delay can be measured by applying a repeti-
tive clock to the circuit shown in Figure 10.
The pictured delay detector works in a manner similar to a
successive-approximation ADC; in this circuit, however, a D-type
flip-flop replaces the ADC’s voltage comparator.
To calibrate the circuit, short out the unknown delay and apply
the clock input to both AD9501 units.
AD9501 #1 should be programmed so its delay is greater than
the zero-set programmed delay of AD9501 #2. To accomplish
this, continue to apply clock pulses and increment the digital
data into AD9501 #1 until the output of the successive-approxi-
mation register (SAR) is 02H (00000010) or greater. At this
point, the delay through AD9501 #1 is slightly longer than the
delay through AD9501 #2, making it possible to use the SAR
output as the zero reference point for measuring the unknown
delay when it is reinserted into the circuit.
This calibration procedure compensates for the setup time of
the flip-flop, stray circuit delays, and other nonideal characteristics
that are an inherent part of any circuit.
Eight cycles of the clock input are required to determine the
value of the unknown delay.
Q
CLK
D
TRIGGER
AD9501 #1
DIGITAL
DATA
LATCH
OUTPUT
RESET
TRIGGER
AD9501 #2
LATCH
RESET
OUTPUT
DIGITAL
DATA
CLOCK IN
GROUND
8
Q1
RESET
00H
UNKNOWN
DELAY
8-BIT SUCCESSIVE
APPROX. REGISTER
Figure 10. Digital Delay Detector
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com