Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 2 Page - Analog Devices

  AD9501 Datasheet HTML 1Page - Analog Devices AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
AD9501–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
0 C to 70 C
Test
AD9501JN/JP
Parameter
Temp
Level
Min
Typ
Max
Unit
RESOLUTION
8
Bits
ACCURACY
Differential Nonlinearity
25
∞CI
0.5
LSB
Integral Nonlinearity
25
∞CI
1
LSB
Monotonicity
25
∞CI
Guaranteed
DIGITAL INPUTS
Latch Input 1 Voltage
Full
VI
2.0
V
Latch Input 0 Voltage
Full
VI
0.8
V
Logic 1 Voltage
Full
VI
2.0
V
Logic 0 Voltage
Full
VI
0.8
V
Logic 1 Current
Full
VI
60
mA
Logic 0 Current
Full
VI
3
mA
Digital Input Capacitance
25
∞CIV
5.5
pF
Data Setup Time (tS)
1
25
∞CV
2.5
ns
Data Hold Time (tH)
2
25
∞CV
2.5
ns
Latch Pulse Width (tL)25
∞CV
3.5
ns
Reset/Trigger Pulse Width (tR, tT)25
∞CV
2
ns
DYNAMIC PERFORMANCE
Maximum Trigger Rate
3
25
∞CIV
18
22
MHz
Minimum Propagation Delay (tPD)
4
25
∞CI
25
30
ns
Propagation Delay Tempco
5
Full
V
25
ps/
∞C
Full-Scale Range Tempco
Full
V
36
ps/
∞C
Delay Uncertainty
25
∞CV
53
ps
Reset Propagation Delay (tRD)
6
25
∞CI
14.5
17.5
ns
Reset-to-Trigger Holdoff (tTHO)
7
25
∞CV
4.5
ns
Trigger-to-Reset Holdoff (tRHO)
8
25
∞CV
19
ns
Minimum Output Pulse Width
9
25
∞CV
7.5
ns
Output Rise Time
10
25
∞CI
2.3
3.5
ns
Output Fall Time
10
25
∞CI
1.0
2.0
ns
DAC Settling Time (tLD)
11
25
∞CV
30
ns
Linear Ramp Settling Time (tLRS)
12
25
∞CV
20
ns
DIGITAL OUTPUT
Logic 1 Voltage (Source 1 mA)
Full
VI
2.4
V
Logic 0 Voltage (Sink 4 mA)
Full
VI
0.24
0.4
V
POWER SUPPLY
13
Positive Supply Current (5.0 V)
Full
VI
69.5
83
mA
Power Dissipation
Full
VI
415
mW
Power Supply Rejection Ratio
14
Full-Scale Range Sensitivity
25
∞CI
0.7
2.0
ns/V
Minimum Prop Delay Sensitivity
25
∞CI
0.45
1.7
ns/V
NOTES
11Digital data inputs must remain stable for the specified time prior to the positive transition of the LATCH signal.
12Digital data inputs must remain stable for the specified time after the positive transition of the LATCH signal.
13Programmed delay (t
D) = 0 ns. Maximum self-resetting trigger rate is limited to 6.9 MHz with 100 ns programmed delay. If tD = 0 ns and external RESET signal is
used, maximum trigger rate is 23 MHz.
14Programmed delay (t
D) = 0 ns. In operation, any programmed delays are in addition to the minimum propagation delay (tPD).
15Programmed delay (t
D) = 0 ns. Minimum propagation delay (tPD).
16Measured from 50% transition point of the RESET signal input to the 50% transition point of the falling edge of the output.
17Minimum time from the falling edge of RESET to the triggering input to ensure valid output pulse, using external RESET pulse.
18Minimum time from triggering event to rising edge of RESET to ensure valid output event, using external RESET pulse. Extends to 125 ns when programmed delay
is 100 ns.
19When self-resetting with a full-scale programmed delay.
10Measured from 0.4 V to 2.4 V; source = 1 mA; sink = 4 mA.
11Measured from the data input to the time when the AD9501 becomes 8-bit accurate, after a full-scale change in the program delay data word.
12Measured from the RESET input to the time when the AD9501 becomes 8-bit accurate, after a full-scale programmed delay.
13Supply voltage should remain stable within
±5% for normal operation.
14Measured at +V
S = 5.0 V
± 5%; specification shown is for worst case.
Specifications subject to change without notice.
(+VS = 5 V; CEXT = Open; RSET = 3090
[Full-Scale Range = 100 ns]; Pin 8 grounded
and device output connected to Pin 4 RESET input, unless otherwise noted.)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com