Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 3 Page - Analog Devices

  AD9501 Datasheet HTML 1Page - Analog Devices AD9501 Datasheet HTML 2Page - Analog Devices AD9501 Datasheet HTML 3Page - Analog Devices AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
AD9501
–3–
ABSOLUTE MAXIMUM RATINGS
1
Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Digital Input Voltage Range . . . . . . . . . . . . . . . –0.5 V to +VS
Trigger/Reset Input Voltage Range . . . . . . . . . . –0.5 V to +VS
Minimum RSET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
W
Digital Output Current (Sourcing) . . . . . . . . . . . . . . . 10 mA
Digital Output Current (Sinking) . . . . . . . . . . . . . . . . 50 mA
DIE LAYOUT AND MECHANICAL INFORMATION
MECHANICAL INFORMATION
Die Dimensions . . . . . . . . . . . . . . . . . . 89
¥ 153 ¥ 15 (±2) mils
Pad Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
¥ 4 mils
Metalization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Aluminum
Backing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . None
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . Ground
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Oxynitride
Die Attach . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Gold Eutectic
Bond Wire . . . . . . . . 1.25 mil, Aluminum; Ultrasonic Bonding
or 1 mil, Gold; Gold Ball Bonding
Operating Temperature Range
AD9501JN/JP . . . . . . . . . . . . . . . . . . . . . . . . . 0
∞C to 70∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature
2
. . . . . . . . . . . . . . . . . . . . . . . . . 175
∞C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . . 300
∞C
NOTES
1Absolute Maximum Ratings are limiting values, to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional operability
is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2Typical thermal impedances: 20-lead plastic leaded chip carrier,
qJA = 73∞C/W; qJC = 29∞C/W. 20-lead plastic DIP, qJA = 65∞C/W; qJC = 26∞C/W.
ORDERING GUIDE
Device
Temperature
Description
Package Option
*
AD9501JN
0
∞C to 70∞C
20-Lead Plastic DIP
N-20
AD9501JP
0
∞C to 70∞C
20-Lead Plastic Leaded Chip Carrier
P-20A
AD9501JP-REEL
0
∞C to 70∞C
20-Lead Plastic Leaded Chip Carrier
P-20A
*N = Plastic DIP; P = Plastic Leaded Chip Carrier.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II. 100% production tested at 25
∞C, and sample tested at specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V. Parameter is a typical value only.
VI. All devices are 100% production tested at 25
∞C. 100% production tested at temperature extremes for
extended temperature devices; sample tested at temperature extremes for commercial/industrial devices.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com