Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9501 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9501
Description  Digitally Programmable Delay Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9501 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9501 Datasheet HTML 4Page - Analog Devices AD9501 Datasheet HTML 5Page - Analog Devices AD9501 Datasheet HTML 6Page - Analog Devices AD9501 Datasheet HTML 7Page - Analog Devices AD9501 Datasheet HTML 8Page - Analog Devices AD9501 Datasheet HTML 9Page - Analog Devices AD9501 Datasheet HTML 10Page - Analog Devices AD9501 Datasheet HTML 11Page - Analog Devices AD9501 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
AD9501
–10–
Analog Settling Time Measurement
The circuit shown in Figure 11 functions in a manner similar to
the digital delay detector; for this application, the clock must
be repetitive also. As in the delay detector, AD9501 #1 is used
to cancel the propagation delay of AD9501 #2, propagation
delay of the comparators, and stray delays. To accomplish this,
use the calibration procedure described earlier for the digital
delay generator.
The difference between the two circuits is in the detection method.
The register of the digital delay is replaced by a window com-
parator for the analog settling measurement.
Threshold voltages V1 and V2 are set for the desired tolerance
around the final value of the DUT output signal. As shown in
the lower portion of the diagram, the output of the detector is
HIGH when the analog output signal of the converter is within
the limits set by V1 and V2.
Therefore, the settling time can be measured by starting the delay
of AD9501 #2 at its maximum setting and decrementing it until
the window comparator goes low. The difference between the
DAC codes applied to AD9501 #2 and AD9501 #1 is a measure
of the settling time of the D/A converter being tested.
TRIGGER
AD9501 #1
DIGITAL
DATA
LATCH
OUTPUT
RESET
TRIGGER
AD9501 #2
LATCH
RESET
OUTPUT
DIGITAL
DATA
8
CLOCK IN
GROUND
00H
8
D/A CONVERTER
UNDER TEST
OUTPUT
V1
V2
LOGIC
V1
V2
OUTPUT
Figure 11. Analog Settling Time Measurement
Layout Considerations
Although the inputs and output of the AD9501 are digital, the
delay is determined by analog circuits. This makes it critical to
use high speed analog circuit layout techniques to achieve rated
performance.
The ground plane should be on the component side of the
board and extend under the AD9501 to shield it from digital
switching signals. Most socket assemblies add significant
inter-lead capacitance and should be avoided whenever possible.
If sockets must be used, individual pin sockets, such as TYCO
part numbers 5-330808-3 (closed end) or 5-330808-6 (open end),
should be used.
Power supply decoupling is also critical for high speed design; a
0.1
mF capacitor should be connected as close as possible to
each supply pin.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com