Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOA7 Datasheet(PDF) 3 Page - ABCircuits

Part # SIOA7
Description  Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIOA7 Datasheet(HTML) 3 Page - ABCircuits

  SIOA7 Datasheet HTML 1Page - ABCircuits SIOA7 Datasheet HTML 2Page - ABCircuits SIOA7 Datasheet HTML 3Page - ABCircuits SIOA7 Datasheet HTML 4Page - ABCircuits SIOA7 Datasheet HTML 5Page - ABCircuits SIOA7 Datasheet HTML 6Page - ABCircuits SIOA7 Datasheet HTML 7Page - ABCircuits SIOA7 Datasheet HTML 8Page - ABCircuits SIOA7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIOA7
Copyright © 2014 ABCircuits. Revised September 2014 Page 3 of 10
OUTPUT A3
INPUT A4
U2
8
5
7
6
1
4
2
3
VCC
GND
-DO/-RI
DO / RI
RO
DI
-RE
DE
VCC
VCC
SEE EXPANSION CIRCUIT
INPUT A1
INPUT A3
OUTPUT A4
INPUT A0
INPUT A5
4.7K
INPUT A2
U2 MAX3485 FOR 3.3V
OUTPUT A6
OUTPUT A2
VCC
OUTPUT A0
INPUT A6
7 BITS INPUT/OUTPUT RS-485
U2 75176 FOR 5V
SIOA7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
IA0
NC
IA2
IA4
IA6
NC
ADR1
OA5
OA3
OA1
NC
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
SOUT-
RXP
ADR3
NC
SIN-
ADR0
ADR2
TXE
RS485
OUTPUT A5
OUTPUT A1
INPUT A0
.1
OUTPUT A1
.01
CASE
4.7
OUTPUT A2
OUTPUT A4
VCC
OUTPUT A0
VCC
INPUT A5
USB
1
2
3
4
5
INPUT A6
BEAD
SIOA7
15
9
16
17
18
19
3
6
7
8
10
11
13
14
22
12
20
23
28
21
4
1
2
5
24
25
26
27
IA0
NC
IA2
IA4
IA6
NC
ADR1
OA5
OA3
OA1
NC
IA5
IA1
VSS
OA4
IA3
OA0
OA6
VDD
OA2
SOUT-
RXP
ADR3
NC
SIN-
ADR0
ADR2
TXE
FT232-SSOP
14
13
22
23
11
2
5
1
19
16
15
8
24
27
28
3
6
9
10
12
CBUS3
CBUS2
CBUS1
CBUS0
-CTS
DTR
RXD
TXD
-RST
USBM
USBP
NC
NC
OSCI
OSCO
RTS
RI
DSR
DCD
CBUS4
7 BITS INPUT/OUTPUT USB
OUTPUT A6
OUTPUT A5
INPUT A1
OUTPUT A3
INPUT A3
REFER TO FT232 DATASHEET
FOR MORE DETAILS
INPUT A2
SEE EXPANSION CIRCUIT
.1
INPUT A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com