Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOA7 Datasheet(PDF) 7 Page - ABCircuits

Part # SIOA7
Description  Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIOA7 Datasheet(HTML) 7 Page - ABCircuits

Back Button SIOA7 Datasheet HTML 2Page - ABCircuits SIOA7 Datasheet HTML 3Page - ABCircuits SIOA7 Datasheet HTML 4Page - ABCircuits SIOA7 Datasheet HTML 5Page - ABCircuits SIOA7 Datasheet HTML 6Page - ABCircuits SIOA7 Datasheet HTML 7Page - ABCircuits SIOA7 Datasheet HTML 8Page - ABCircuits SIOA7 Datasheet HTML 9Page - ABCircuits SIOA7 Datasheet HTML 10Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIOA7
Copyright © 2014 ABCircuits. Revised September 2014 Page 7 of 10
You can monitor this output with any hexadecimal terminal program like REALTERM. Hyperterm
does not display in hexadecimal.
IA0-6
These are the input bits that will be transmitted on the SOUT- pin. These inputs have internal pull
up resistors.
ADR0-3
These pins determine the device address. A byte received on the SIN- pin with bit 8 set to one is
and bits 7,6, and 5 are zero it is an address byte. The lower 4 bits must mach the ADR0-3 pins,
or the device returns to wait for address mode. If the address matches, the next byte received is
placed on the OA0-6 pins, a positive pulse is generated on the RXP pin. Then the inputs of the
IA0-6 pins are transmitted on the SOUT- pin, with bit 8 of the transmitted byte set to zero. Up to
16 devices can be used on the same communications channel, either on the same board, or on
separate boards if a multi-drop interface such as RS-485 is used.
Device Address
Address Byte (hex)
ADR3
ADR2
ADR1A
ADR0
0
80
Ground
Ground
Ground
Ground
1
81
Ground
Ground
Ground
Open
2
82
Ground
Ground
Open
Ground
3
83
Ground
Ground
Open
Open
4
84
Ground
Open
Ground
Ground
5
85
Ground
Open
Ground
Open
6
86
Ground
Open
Open
Ground
7
87
Ground
Open
Open
Open
8
88
Open
Ground
Ground
Ground
9
89
Open
Ground
Ground
Open
10
8A
Open
Ground
Open
Ground
11
8B
Open
Ground
Open
Open
12
8C
Open
Open
Ground
Ground
13
8D
Open
Open
Ground
Open
14
8E
Open
Open
Open
Ground
15
8F
Open
Open
Open
Open
RXP
This pin outputs a positive pulse after a byte is placed on the OA0-6 pins.
TXE
This pin goes high while the byte on the SOUT- pin is being transmitted. This pin goes low again
after the stop bit has been sent. This pin is designed to drive the RE - (receiver enable) and DE
(driver enable) pins on a RS -485 driver IC. Please note, in RS-485 applications, an external pull
up resistor is required on the SIN- pin.
VSS
Connect to system ground.
VDD
Connect to supply voltage of 2.4 to 5 volts. A .1 uF decoupling capacitor to ground is
recommended.
NOTES:
Make no connection to the NC pins. Pins 9 and 19 must be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com