Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOA7 Datasheet(PDF) 9 Page - ABCircuits

Part # SIOA7
Description  Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIOA7 Datasheet(HTML) 9 Page - ABCircuits

Back Button SIOA7 Datasheet HTML 2Page - ABCircuits SIOA7 Datasheet HTML 3Page - ABCircuits SIOA7 Datasheet HTML 4Page - ABCircuits SIOA7 Datasheet HTML 5Page - ABCircuits SIOA7 Datasheet HTML 6Page - ABCircuits SIOA7 Datasheet HTML 7Page - ABCircuits SIOA7 Datasheet HTML 8Page - ABCircuits SIOA7 Datasheet HTML 9Page - ABCircuits SIOA7 Datasheet HTML 10Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIOA7
Copyright © 2014 ABCircuits. Revised September 2014 Page 9 of 10
Iol
Low Level Sink Current
25
mA
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Inputs
IA0-6
4
5.6
8
k?
Note 1: Vdd=5VDC, all inputs and outputs open
Theory Of Operation
The SIOA7 IC is a custom programmed microprocessor designed to monitor and control a serial
input and output stream.
When a byte is received on the SIN- pin, bit 8 is checked. If bit 8 is 1 and bits 7,6, and 5 are 0 the
lower 4 bits are compared to the ADR0-3 pins. If that also matches, the next byte received on the
SIN- pin is placed on the OA0-6 pins if the eighth bit is zero. After the data is placed on the OA0-
6 pins, the RXP pin generates a positive pulse. Next the bits from IA0-6 are transmitted on the
SOUT- pin. Bit 8 is transmitted as a zero. The RXE pin is set high before the start bit, and set
back low after the stop bit of the transmitted byte.
The data is standard asynchronous format 8 data bits, 1 stop bit and no parity. Baud rate is 9600
BPS. It is recommended that the address byte and the OA0-6 byte be sent periodically even if
there is no change, to recover from power failure or serial data errors.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com