Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOA7 Datasheet(PDF) 8 Page - ABCircuits

Part # SIOA7
Description  Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIOA7 Datasheet(HTML) 8 Page - ABCircuits

Back Button SIOA7 Datasheet HTML 2Page - ABCircuits SIOA7 Datasheet HTML 3Page - ABCircuits SIOA7 Datasheet HTML 4Page - ABCircuits SIOA7 Datasheet HTML 5Page - ABCircuits SIOA7 Datasheet HTML 6Page - ABCircuits SIOA7 Datasheet HTML 7Page - ABCircuits SIOA7 Datasheet HTML 8Page - ABCircuits SIOA7 Datasheet HTML 9Page - ABCircuits SIOA7 Datasheet HTML 10Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIOA7
Copyright © 2014 ABCircuits. Revised September 2014 Page 8 of 10
Serial Input Stream
STOP
OA2
ADR2
OA5
0
ADR0
ADDRESS BYTE
OA6
OA3
START
ADR3
OA1
STOP
0
ADR1
OUTPUT OA BITS
BIT CELLS
OA0
0
START
DATA STREAM
1
OA4
0
When a byte is received on the SIN- pin, bit 8 is checked. If bit 8 is 1 and bits 7,6, and 5 are zero
the lower 4 bits are compared to the ADR0-3 pins. If that also matches, the next byte received on
the SIN- pin is placed on the OA0-6 pins if bit 8 of that byte is zero. The SIOA7 automatically
removes start and stop bits from the data stream. The data is format is 9600 BPS, 8 bits, 1 stop,
no parity. After the data is placed on the OA0-6 pins, the RXP pin generates a positive pulse.
The bits on IA0-6 are then transmitted, with the eighth bit being sent as a zero.
Serial Output Stream
STOP
INPUT IA BITS
START
BIT CELLS
IA1
IA6
IA3
IA4
IA2
IA5
0
IA0
After a valid matching address byte, and the next byte for the OA0-6 pins are received, the bits
from IA0-6 are transmitted on the SOUT- pin. Bit 8 is transmitted as a zero. The SIOA7
automatically adds start and stop bits to the data stream. The data is transmitted at 9600 BPS, 8
bits, 1 stop, no parity.
Absolute Maximum Ratings
Symbol
Description
Min
Typical
Max
Units
Notes
Tstg
Storage Temperature
-55
25
+100
ºC
Ta
Operating Temperature
-40
+85
ºC
Vdd
Vdd - Vss Voltage
-0.5
+6.0
V
Vio
Input Voltage
Vss - 0.5
Vdd +0.5
V
Imio
Maximum current into any pin
-25
+50
mA
ESD
Electrostatic Discharge Voltage
2000
V
Human Body Model
ESD
LU
Latch up current
200
mA
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
2.4
5.25
V
Idd
Supply Current
5
8
mA
Note 1
Voh
High Output Level
Vdd - 1.0
V
Ioh=10 mA
Vol
Low Output Voltage
0.75
V
Iol=25 mA
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com