Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOA7 Datasheet(PDF) 1 Page - ABCircuits

Part # SIOA7
Description  Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIOA7 Datasheet(HTML) 1 Page - ABCircuits

  SIOA7 Datasheet HTML 1Page - ABCircuits SIOA7 Datasheet HTML 2Page - ABCircuits SIOA7 Datasheet HTML 3Page - ABCircuits SIOA7 Datasheet HTML 4Page - ABCircuits SIOA7 Datasheet HTML 5Page - ABCircuits SIOA7 Datasheet HTML 6Page - ABCircuits SIOA7 Datasheet HTML 7Page - ABCircuits SIOA7 Datasheet HTML 8Page - ABCircuits SIOA7 Datasheet HTML 9Page - ABCircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number 74C922-SO
Copyright © 2014 ABCircuits. Revised September 2014 Page 1 of 10
SIOA7 IC
Stand Alone UART IC
7 bits of input and 7 bits of output
Expandable and Addressable
General Description
The SIOA7 IC is a stand alone UART designed to provide 7 bits of input and output data.
(Expandable to 112 bits.) The SIOA7 may connect to RS-232, USB, RS-485, Ethernet or directly
to your UART. Outputs can be used to drive relays, logic, optocouplers or a transistors. Inputs
can be from switches, relay contacts, logic, optocouplers or a transistor switched to ground. The
SIOA7 has internal pull resistors on most inputs to minimize additional parts. After receiving an
address byte matching the ADR0-3 pins is received on the SIN- pin, the next bye received on the
SIN- pin is placed on the OA0-6 pins and the data on the IA0-6 pins are transmitted SOUT- pin.
A positive pulse is generated on the RXP pin every time a byte is placed on the OA0-6 pins.
More than one SIOA7 chip may be connected together to achieve up to 112 bits of input and
output. The serial format to the SIOA7 is standard asynchronous format, using 8 bits, 1 stop and
no parity at 9600 BPS. Other formats and encoding are available, contact the factory. A .1 uF
bypass capacitor is suggested across the VDD and VSS pins. The part uses the standard 28 pin
.3 inch width SOIC package.
Features
Asynchronous serial control for 7
bits of input and 7 bits of output,
expandable to 112 bits.
Can connect with RS-232, RS-485,
USB or Ethernet or UART.
Inputs can be switches, relay
contacts, optocouplers, and logic.
On chip input pull up resistors on
most inputs.
Outputs can be used to drive relays,
transistors, optocouplers, and logic.
No external parts required.
Low power consumption 5 mA
typical.
Supply voltage 2.4 to 5.25 volts.
All timing internally generated.
TTL and CMOS compatible outputs.
Part is in full production.
SOIC and DIP 28 Pin Package.
ROHS Compliant
Low EMI
Applications
Input Output Expansion
Remote control
Process control
Building Automation
Off site monitoring
Security systems
Internet of things
Machine control


Similar Part No. - SIOA7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
The SIO-RTD is a microprocessor-based
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
More results

Similar Description - SIOA7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
Stand-Alone Fuel Gauge IC
REV: 042505
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
Stand-Alone Fuel Gauge IC
5/09
logo
ATMEL Corporation
T83C5101 ATMEL-T83C5101_14 Datasheet
48Kb / 3P
UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
T87C5101 ATMEL-T87C5101_14 Datasheet
48Kb / 3P
UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
AT80C51RA2 ATMEL-AT80C51RA2_14 Datasheet
68Kb / 3P
UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
TS80C51RB2 ATMEL-TS80C51RB2_14 Datasheet
68Kb / 3P
UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
TS87C51RB2 ATMEL-TS87C51RB2_14 Datasheet
68Kb / 3P
UART/Reception in Modes 1, 2 and 3/UART False Start Bits Detection
logo
ABCircuits
SI14 ABCIRCUITS-SI14 Datasheet
222Kb / 6P
Serial Input IC For 14 Bits of Input
SIO7 ABCIRCUITS-SIO7 Datasheet
226Kb / 7P
Serial input/output IC for 7 bits of input and 7 bits of output
SIO8 ABCIRCUITS-SIO8 Datasheet
198Kb / 8P
Stand Alone UART IC 8 bits of input and 8 bits of output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com