Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIOA7 Datasheet(PDF) 6 Page - ABCircuits

Part # SIOA7
Description  Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIOA7 Datasheet(HTML) 6 Page - ABCircuits

Back Button SIOA7 Datasheet HTML 2Page - ABCircuits SIOA7 Datasheet HTML 3Page - ABCircuits SIOA7 Datasheet HTML 4Page - ABCircuits SIOA7 Datasheet HTML 5Page - ABCircuits SIOA7 Datasheet HTML 6Page - ABCircuits SIOA7 Datasheet HTML 7Page - ABCircuits SIOA7 Datasheet HTML 8Page - ABCircuits SIOA7 Datasheet HTML 9Page - ABCircuits SIOA7 Datasheet HTML 10Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIOA7
Copyright © 2014 ABCircuits. Revised September 2014 Page 6 of 10
Pin Description
Pin #
Description
Pin #
Description
1
RXP
28
VDD
2
ADR3
27
TXE
3
ADR1
26
ADR2
4
SOUT-
25
ADR0
5
NC
24
SIN-
6
OA5
23
OA6
7
OA3
22
OA4
8
OA1
21
OA2
9
NC
20
OA0
10
NC
19
NC
11
IA5
18
IA6
12
IA3
17
IA4
13
IA1
16
IA2
14
VSS
15
IA0
OA0-6
These output bits are set when a byte is received on the SIN- pin after a matching address byte is
received on the SIN- pin. Output drivers may be required for high power loads. The RXP pin
generates a positive pulse after these bits are set.
SIN-
This is the serial input pin. It may be tied directly to the UART transmitter output of your UART or
microprocessor; to a RS -232 receiver such as the MAX232; an Ethernet interface such as the
Lantronix Xport; or a USB IC such as the FT232. This pin is high in the idle state, the input
format is 8 bits, 1 stop, no parity at 9600 BPS. Other formats and baud rates are available,
please contact the factory for information. After a matching address bye is received on this pin
the next byte received on this pin will be transferred to the OA0-6 pins if bit 8 is zero, then a
positive pulse is generated on the RXP output. This pin does not have an internal pull up resistor.
If you are using a receiver with tristate outputs, such as the 75176 for RS -485, a pull up resistor
will be required. It is recommended your software periodically send the address byte and second
byte containing the OA0-6 byte even if they have not changed to recover from communications
errors or power failures.
To be a valid address byte, bit 8 must be 1, bits 7,6, and 5 must be 0; and bits 4 to 1 must match
the address pins. Bit 8 must be 0 to be transferred to the OA0-6 pins.
You can drive this input with any hexadecimal terminal program like REALTERM for testing and
development.
SOUT-
This is the serial output pin. It is open drain with an internal pull up resistor, so more than one
SOUT- pin may be directly tied together. It may be tied directly to the UART receiver input of
your UART or microprocessor; to a RS -232 driver such as the MAX232; an Ethernet interface
such as the Lantronix Xport, or a USB IC such as the FT232. After a matching address byte and
the byte for the OA0-6 pins this pin sends the data on the IA0-6 pins, adding start and stop bits.
This pin is high in the idle state, the output format is 8 bits, 1 stop, no parity at 9600 BPS. Other
output formats and baud rates are available, please contact the factory for information.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com