Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1853 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 5 Page - Analog Devices

  AD1853_15 Datasheet HTML 1Page - Analog Devices AD1853_15 Datasheet HTML 2Page - Analog Devices AD1853_15 Datasheet HTML 3Page - Analog Devices AD1853_15 Datasheet HTML 4Page - Analog Devices AD1853_15 Datasheet HTML 5Page - Analog Devices AD1853_15 Datasheet HTML 6Page - Analog Devices AD1853_15 Datasheet HTML 7Page - Analog Devices AD1853_15 Datasheet HTML 8Page - Analog Devices AD1853_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD1853
–5–
PIN FUNCTION DESCRIPTIONS
Pin
Input/Output
Pin Name
Description
1I
DGND
Digital Ground.
2I
MCLK
Master Clock Input. Connect to an external clock source. See Table II for allowable
frequencies.
3I
CLATCH
Latch input for control data. This input is rising-edge sensitive.
4I
CCLK
Control clock input for control data. Control input data must be valid on the rising edge
of CCLK. CCLK may be continuous or gated.
5I
CDATA
Serial control input, MSB first, containing 16 bits of unsigned data. Used for specifying
control information and channel-specific attenuation.
6I
INT4
×
Assert HI to select interpolation ratio of 4
×, for use with double-speed inputs (88 kHz or
96 kHz). Assert LO to select 8
× interpolation ratio.
7I
INT2
×
Assert HI to select interpolation ratio of 2
×, for quad-speed inputs (176 kHz or 192 kHz).
Assert LO to select 8
× interpolation ratio.
8O
ZEROR
Right Channel Zero Flag Output. This pin goes HI when Right Channel has no signal
input for more than 1024 LR Clock Cycles.
9I
DEEMP
De-Emphasis. Digital de-emphasis is enabled when this input signal is HI. This is used to
impose a 50
µs/15 µs response characteristic on the output audio spectrum at an assumed
44.1 kHz sample rate. Curves for 32 kHz and 48 kHz sample rates may be selected via
SPI control register.
10
I
IREF
Connection point for external bias resistor. Voltage held at VREF.
11
I
AGND
Analog Ground.
12
O
OUTL+
Left Channel Positive line level analog output.
13
O
OUTL–
Left Channel Negative line level analog output.
14
O
FILTR
Voltage Reference Filter Capacitor Connection. Bypass and decouple the voltage refer-
ence with parallel 10
µF and 0.1 µF capacitors to the AGND (Pin 11).
15
I
FCR
Filter cap return pin for cap connected to FILTB (Pin 19).
16
O
OUTR–
Right Channel Negative line level analog output.
17
O
OUTR+
Right Channel Positive line level analog output.
18
I
AVDD
Analog Power Supply. Connect to analog +5 V supply.
19
O
FILTB
Filter Capacitor connection, connect 10
µF capacitor to FCR (Pin 15).
20
I
IDPM1
Input serial data port mode control one. With IDPM0, defines one of four serial modes.
21
I
IDPM0
Input serial data port mode control zero. With IDPM1, defines one of four serial modes.
22
O
ZEROL
Left Channel Zero Flag output. This pin goes HI when Left Channel has no signal input
for more than 1024 LR Clock Cycles.
23
I
MUTE
Mute. Assert HI to mute both stereo analog outputs. Deassert LO for normal operation.
24
I
RST
Reset. The AD1853 is placed in a reset state when this pin is held LO. The AD1853 is
reset on the rising edge of this signal. The serial control port registers are reset to the
default values. Connect HI for normal operation.
25
I
L/
RCLK
Left/
Right clock input for input data. Must run continuously.
26
I
BCLK
Bit clock input for input data.
27
I
SDATA
Serial input, MSB first, containing two channels of 16/18/20/24 bit twos-complement
data.
28
I
DVDD
Digital Power Supply Connect to digital +5 V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com