Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1853 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1853_15 Datasheet HTML 6Page - Analog Devices AD1853_15 Datasheet HTML 7Page - Analog Devices AD1853_15 Datasheet HTML 8Page - Analog Devices AD1853_15 Datasheet HTML 9Page - Analog Devices AD1853_15 Datasheet HTML 10Page - Analog Devices AD1853_15 Datasheet HTML 11Page - Analog Devices AD1853_15 Datasheet HTML 12Page - Analog Devices AD1853_15 Datasheet HTML 13Page - Analog Devices AD1853_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
AD1853
–10–
Control Register
The following table shows the functions of the control register. The control register is addressed by having a “01” in the bottom 2 bits
of the 16-bit SPI word. The top 14 bits are then used for the control register.
Bit 11
Bit 10
Bit 9:8
Bit 7
Bit 6
Bit 5:4
Bit 3:2
INT2
× Mode
INT4
× Mode
Number of
Soft Reset.
Soft Mute OR’d Serial Mode OR’d
De-Emphasis Filter
OR’d with Pin.
OR’d with Pin.
Bits in Right-
Default = 0
with Pin.
with Mode Pins.
Select.
Default = 0
Default = 0
Justified Serial
Default = 0
IDPMI:IDPM0
0:0 No Filter
Mode.
0:0 Right-Justified
0:1 44.1 kHz Filter
0:0 = 24
0:1 I
2S
1:0 32 kHz Filter
0:1 = 20
1:0 Left-Justified
1:1 48 kHz Filter
1:0 = 16
1:1 DSP Mode
Default = 0.0
Default = 0:0
Default = 0:0
Mute
The AD1853 offers two methods of muting the analog output.
By asserting the MUTE (Pin 23) signal HI, both the left and
right channel are muted. As an alternative, the user can assert
the mute bit in the serial control register (Bit 6) HI. The AD1853
has been designed to minimize pops and clicks when muting
and unmuting the device by automatically “ramping” the gain
up or down. When the device is unmuted, the volume returns to
the value set in the volume register.
Analog Attenuation
The AD1853 also offers the choice of using IREF (Pin 10) to
attenuate by up to 50 dB in the analog domain. This feature can
be used as an analog volume control. It is also a convenient
place to add a compressor/limiter gain control signal.
Output Drive, Buffering and Loading
The AD1853 analog output stage is able to drive a 1 k
Ω (in
series with 2 nF) load. The analog outputs are usually ac
coupled with a 10
µF capacitor.
De-Emphasis
The AD1853 has a built-in de-emphasis filter that can be used
to decode CDs that have been encoded with the standard
“Redbook” 50
µs/15 µs emphasis response curve. Three curves
are available; one each for 32 kHz, 44.1 kHz and 48 kHz sam-
pling rates. The external “DEEMP” pin (Pin 9) turns on the
44.1 kHz de-emphasis filter. The other filters may be selected
by writing to control Bits 2 and 3 in the control register. If the
SPI port is used to control the de-emphasis filter, the external
DEEMP pin should be tied LO.
Control Signals
The IDPM0 and IDPM1 control inputs are normally con-
nected HI or LO to establish the operating state of the AD1853.
They can be changed dynamically (and asynchronously to
LRCLK and the master clock), but it is possible that a click
or pop sound may result during the transition from one serial
mode to another. If possible, the AD1853 should be placed in
mute before such a change is made.
Figures 9–14 show the calculated frequency response of the
digital interpolation filters. Figures 15–27 show the performance
of the AD1853 as measured by an Audio Precision System 2
Cascade. For the wideband plots, the noise floor shown in the
plots is higher than the actual noise floor of the AD1853. This is
caused by the higher noise floor of the “High Bandwidth” ADC
used in the Audio Precision measurement system. The two-tone
test shown in Figure 18 is per the SMPTE standard for measur-
ing Intermodulation Distortion.
FREQUENCY – kHz
0.001
0
210
12
14
16
20
0.0008
0.0006
0.0004
0.0002
0
–0.0002
–0.0004
–0.0006
–0.0008
–0.001
46
8
18
Figure 9. Passband Response 8
× Mode, 48 kHz Sample
Rate
FREQUENCY – kHz
0
–60
–100
–160
–20
–40
–80
–120
–140
0
150
200
50
100
250
300
350
Figure 10. Complete Response, 8
× Mode, 48 kHz
Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com