Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1853 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 3 Page - Analog Devices

  AD1853_15 Datasheet HTML 1Page - Analog Devices AD1853_15 Datasheet HTML 2Page - Analog Devices AD1853_15 Datasheet HTML 3Page - Analog Devices AD1853_15 Datasheet HTML 4Page - Analog Devices AD1853_15 Datasheet HTML 5Page - Analog Devices AD1853_15 Datasheet HTML 6Page - Analog Devices AD1853_15 Datasheet HTML 7Page - Analog Devices AD1853_15 Datasheet HTML 8Page - Analog Devices AD1853_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
AD1853
POWER
Min
Typ
Max
Units
Supplies
Voltage, Analog and Digital
4.5
5
5.5
V
Analog Current
12
15
mA
Digital Current
28
33
mA
Dissipation
Operation—Both Supplies
200
mW
Operation—Analog Supply
60
mW
Operation—Digital Supply
140
mW
Power Supply Rejection Ratio
1 kHz 300 mV p-p Signal at Analog Supply Pins
–77
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
–72
dB
Specifications subject to change without notice.
TEMPERATURE RANGE
Min
Typ
Max
Units
Specifications Guaranteed
25
°C
Functionality Guaranteed
0
70
°C
Storage
–55
125
°C
Specifications subject to change without notice.
DIGITAL FILTER CHARACTERISTICS
Sample Rate (kHz)
Passband (kHz)
Stopband (kHz)
Stopband Attenuation (dB)
Passband Ripple (dB)
44.1
DC–20
24.1–328.7
110
±0.0002
48
DC–21.8
26.23–358.28
110
±0.0002
96
DC–39.95
56.9–327.65
115
±0.0005
192
DC–87.2
117–327.65
95
+0/–0.04 (DC–21.8 kHz)
+0/–0.5 (DC–65.4 kHz)
+0/–1.5 (DC–87.2 kHz)
Specifications subject to change without notice.
GROUP DELAY
Chip Mode
Group Delay Calculation
FS
Group Delay
Units
INT8x Mode
5553/(128
× FS)
48 kHz
903.8
µs
INT4x Mode
5601/(64
× F
S)
96 kHz
911.6
µs
INT2x Mode
5659/(32
× FS)
192 kHz
921
µs
Specifications subject to change without notice.
DIGITAL TIMING (Guaranteed Over 0 C to +70 C, AVDD = DVDD = +5.0 V
10%)
Min
Units
tDMP
MCLK Period (With FMCLK = 256
× F
LRCLK)*
54
ns
tDML
MCLK LO Pulsewidth (All Modes)
0.4
× tDMP
ns
tDMH
MCLK HI Pulsewidth (All Modes)
0.4
× tDMP
ns
tDBH
BCLK HI Pulsewidth
20
ns
tDBL
BCLK LO Pulsewidth
20
ns
tDBP
BCLK Period
140
ns
tDLS
LRCLK Setup
20
ns
tDLH
LRCLK Hold (DSP Serial Port Mode Only)
5
ns
tDDS
SDATA Setup
5
ns
t
DDH
SDATA Hold
10
ns
t
PDRP
PD/RST LO Pulsewidth
5
ns
*Higher MCLK frequencies are allowable when using the on-chip Master Clock Auto-Divide feature.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com