Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1853 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 1 Page - Analog Devices

  AD1853_15 Datasheet HTML 1Page - Analog Devices AD1853_15 Datasheet HTML 2Page - Analog Devices AD1853_15 Datasheet HTML 3Page - Analog Devices AD1853_15 Datasheet HTML 4Page - Analog Devices AD1853_15 Datasheet HTML 5Page - Analog Devices AD1853_15 Datasheet HTML 6Page - Analog Devices AD1853_15 Datasheet HTML 7Page - Analog Devices AD1853_15 Datasheet HTML 8Page - Analog Devices AD1853_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1853
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Stereo, 24-Bit, 192 kHz, Multibit
DAC
FEATURES
5 V Stereo Audio DAC System
Accepts 16-/18-/20-/24-Bit Data
Supports 24 Bits and 192 kHz Sample Rate
Accepts a Wide Range of Sample Rates Including:
32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz and 192 kHz
Multibit Sigma-Delta Modulator with “Perfect Differential
Linearity Restoration” for Reduced Idle Tones and
Noise Floor
Data Directed Scrambling DAC—Least Sensitive to Jitter
Differential Output for Optimum Performance
120 dB Signal to Noise (Not Muted) at 48 kHz
(A-Weighted Mono)
117 dB Signal to Noise (Not Muted) at 48 kHz
(A-Weighted Stereo)
119 dB Dynamic Range (Not Muted) at 48 kHz Sample
Rate (A-Weighted Mono)
116 dB Dynamic Range (Not Muted) at 48 kHz Sample
Rate (A-Weighted Stereo)
–107 dB THD+N (Mono Application Circuit, See Figure 30)
–104 dB THD+N (Stereo)
115 dB Stopband Attenuation (96 kHz)
On-Chip Clickless Volume Control
Hardware and Software Controllable Clickless Mute
Serial (SPI) Control for: Serial Mode, Number of Bits,
Interpolation Factor, Volume, Mute, De-Emphasis, Reset
Digital De-Emphasis Processing for 32, 44.1 and 48 kHz
Sample Rates
Clock Auto-Divide Circuit Supports Five Master-Clock
Frequencies
Flexible Serial Data Port with Right-Justified, Left-
Justified, I2S-Compatible and DSP Serial Port Modes
28-Lead SSOP Plastic Package
PRODUCT OVERVIEW
The AD1853 is a complete high performance single-chip stereo
digital audio playback system. It is comprised of a high per-
formance digital interpolation filter, a multibit sigma-delta
modulator, and a continuous-time current-out analog DAC
section. Other features include an on-chip clickless stereo at-
tenuator and mute capability, programmed through an SPI-
compatible serial control port. The AD1853 is fully compatible
with all known DVD formats and supports 48 kHz, 96 kHz and
192 kHz sample rates with up to 24 bits word lengths. It also
provides the “Redbook” standard 50
µs/15 µs digital de-emphasis
filters at sample rates of 32 kHz, 44.1 kHz and 48 kHz.
The AD1853 has a very flexible serial data input port that
allows for glueless interconnection to a variety of ADCs, DSP
chips, AES/EBU receivers and sample rate converters. The
AD1853 can be configured in left-justified, I
2S, right-justified,
or DSP serial port compatible modes. The AD1853 accepts
serial audio data in MSB first, twos complement format.
The AD1853 operates from a single +5 V power supply. It is
fabricated on a single monolithic integrated circuit and is housed in
a 28-lead SSOP package for operation over the temperature
range 0
°C to +70°C.
FUNCTIONAL BLOCK DIAGRAM
SERIAL
DATA
INTERFACE
8
FS
INTERPOLATOR
SERIAL CONTROL
INTERFACE
AUTO-CLOCK
DIVIDE CIRCUIT
VOLUME
MUTE
CONTROL DATA
INPUT
3
2
DIGITAL
SUPPLY
CLOCK
IN
ANALOG
OUTPUTS
2
2
ZERO
FLAG
ANALOG
SUPPLY
DE-EMPHASIS
MUTE
RESET
2
SERIAL
MODE
DIGITAL
DATA INPUT
AD1853
MULTIBIT SIGMA-
DELTA MODULATOR
ATTEN/
MUTE
IDAC
MULTIBIT SIGMA-
DELTA MODULATOR
8
FS
INTERPOLATOR
ATTEN/
MUTE
VOLTAGE
REFERENCE
IDAC
INT2
INT4
APPLICATIONS
Hi End: DVD, CD, Home Theater Systems, Automotive
Audio Systems, Sampling Musical Keyboards, Digital
Mixing Consoles, Digital Audio Effects Processors


Similar Part No. - AD1853_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1853JRS AD-AD1853JRS Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
AD1853JRS AD-AD1853JRS Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853JRSRL AD-AD1853JRSRL Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
AD1853JRSRL AD-AD1853JRSRL Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
More results

Similar Description - AD1853_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1852 AD-AD1852 Datasheet
234Kb / 16P
Stereo, 24-Bit, 192 kHz Multibit DAC
AD1853 AD-AD1853 Datasheet
416Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit DAC
AD1855 AD-AD1855 Datasheet
233Kb / 15P
Stereo, 96 kHz, Multibit DAC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
24-Bit, 192 kHz Stereo DAC for Audio?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
24-Bit, 192 kHz, DAC
REV.0
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
24-Bit, 192 kHz Stereo DAC for Audio
logo
Analog Devices
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1852JRSZRL AD-AD1852JRSZRL Datasheet
515Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
AD1852 AD-AD1852_15 Datasheet
501Kb / 20P
Stereo, 24-Bit, 192 kHz, Multibit, Sigma-Delta DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com