Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1853 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1853_15 Datasheet HTML 7Page - Analog Devices AD1853_15 Datasheet HTML 8Page - Analog Devices AD1853_15 Datasheet HTML 9Page - Analog Devices AD1853_15 Datasheet HTML 10Page - Analog Devices AD1853_15 Datasheet HTML 11Page - Analog Devices AD1853_15 Datasheet HTML 12Page - Analog Devices AD1853_15 Datasheet HTML 13Page - Analog Devices AD1853_15 Datasheet HTML 14Page - Analog Devices AD1853_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
AD1853
–11–
Typical Performance Characteristics–
FREQUENCY – kHz
0.5
–10
510
15
20253035
40
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
Figure 11. 44 kHz Passband Response 4
× Mode, 96 kHz
Sample Rate
FREQUENCY – kHz
2.0
1.5
1.0
0
0
–0.5
–1.0
–2.0
10
20
30
40
50
60
70
80
–1.5
0.5
Figure 12. 88 kHz Passband Response 2
× Mode, 192 kHz
Sample Rate
FREQUENCY – Hz
10
–120
100
1k
10k
–110
–100
–90
–80
–70
–60
–50
Figure 13. THD vs. Frequency Input @ –3 dBFS, SR 48 kHz
0
0
150
200
–60
–100
50
100
250
–20
–40
–80
–120
–140
300
FREQUENCY – kHz
–160
Figure 14. Complete Response, 4
× Mode, 96 kHz
Sample Rate
FREQUENCY – kHz
0
–60
–120
–160
–40
–20
–80
–100
–140
0
150
200
50
100
250
Figure 15. Complete Response, 2
× Mode, 192 kHz
Sample Rate
dBFS
–80
–90
–100
–110
–70
–60
–50
–40
–30
–20
–10
0
–120
–100
–80
–60
–40
–20
0
Figure 16. THD + N Ratio vs. Amplitude Input 1 kHz,
SR 48 kHz, 24-Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com