Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1853 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1853
Description  Stereo, 24-Bit, 192 kHz, Multibit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1853 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1853_15 Datasheet HTML 8Page - Analog Devices AD1853_15 Datasheet HTML 9Page - Analog Devices AD1853_15 Datasheet HTML 10Page - Analog Devices AD1853_15 Datasheet HTML 11Page - Analog Devices AD1853_15 Datasheet HTML 12Page - Analog Devices AD1853_15 Datasheet HTML 13Page - Analog Devices AD1853_15 Datasheet HTML 14Page - Analog Devices AD1853_15 Datasheet HTML 15Page - Analog Devices AD1853_15 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
REV. A
AD1853
–16–
U1
AD797
C1
220pF
NP0
R1
2.94k
R7
604
R4
2.74k
C4
680pF
NP0
R3
2.74k
C3
680pF
NP0
R2
2.94k
R5
2.74k
R6
2.74k
C2
220pF
NP0
C5
2.2nF
NP0
GAUSSIAN FILTER RESPONSE
–3dB CORNER FREQUENCY: 75kHz
I/V CONVERTERS AND LP FILTER
R8
49.9k
C6
68pF, NP0
AD797
U2
R9*
2.87k
U3
C7
68pF, NP0
R10*
2.87k
+
C8
100nF
R12
100
PIN 13
LOUT–
PIN 12
LOUT+
VREF
+2.78V
R11
100
AD797
OUT
6Vrms
J1
1
0
PIN 16
ROUT–
PIN 17
ROUT+
NOTES:
1. R9, R10 MUST BE LOW NOISE TYPES.
METAL FILM IS RECOMMENDED.
2. RIGHT CHANNEL DIGITAL DATA MUST BE INVERTED.
C15
10 F
TANT
+AVCC
–AVSS
J2
+
C14
100nF
0V
AGND
J4
+
C17
10 F
TANT
J3
C13
100nF
C16
10 F
TANT
C12
100nF
C11
100nF
C10
100nF
C9
100nF
+16.5V dc
–16.5V dc
NOTE:
= AGND
Figure 30. Mono Application Circuit
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Lead Shrink Small Outline Package (SSOP)
(RS-28)
0.009 (0.229)
0.005 (0.127)
0.03 (0.762)
0.022 (0.558)
0.008 (0.203)
0.002 (0.050)
0.07 (1.79)
0.066 (1.67)
0.078 (1.98)
0.068 (1.73)
0.015 (0.38)
0.010 (0.25)
SEATING
PLANE
0.0256
(0.65)
BSC
0.311 (7.9)
0.301 (7.64)
0.212 (5.38)
0.205 (5.21)
28
15
14
1
0.407 (10.34)
0.397 (10.08)
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com